Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 4Page - Integrated Device Technology ICS9220 Datasheet HTML 5Page - Integrated Device Technology ICS9220 Datasheet HTML 6Page - Integrated Device Technology ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology ICS9220 Datasheet HTML 11Page - Integrated Device Technology ICS9220 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
ICS9220
1227G—11/05/07
Operating Modes
Device ID and SMBus Device Address
The device ID (SMB_A(2:1)) is part of the SMBus device address. The least significant bit of the address designates
a write or read operation. Table 3 shows the addresses for four ICS9220 devices on the same SMBus.
Table 4: Operating Modes
Byte 1
LX
X
X
X
Z
Z
HX
1
X
X
HL
0
X
X
H
H
000
Z
Z
H
H
001
Z
CLK_INT/C
H
H
010
CLK_INT/C
Z
H
H
011
CLK_INT/C
CLK_INT/C
Notes
1 Bypass Mode
2 Power up default mode
CLK_INT/C
Reserved for Vendor Test
ODCLK_T/C1 ODCLK_T/C0
Byte 0
OE
BYPASS#/
PLL
Table 3. SMBus Device Addresses
Device
Control Function
AS2
AS1
Wr#/Rd
D8
0
D9
1
DA
0
DB
1
DC
0
DD
1
DE
0
DF
1
3
11011
0
1
0
1
0
0
1
Hex
Address
ICS 9220
Operation
Read
Write
Read
Write
Write
Read
Write
Read
0
1
2
8 bit SM Bus De vice Addre ss Including Oper.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com