Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology ICS9220 Datasheet HTML 11Page - Integrated Device Technology ICS9220 Datasheet HTML 12Page - Integrated Device Technology ICS9220 Datasheet HTML 13Page - Integrated Device Technology ICS9220 Datasheet HTML 14Page - Integrated Device Technology ICS9220 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
ICS9220
1227G—11/05/07
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
θ
JA
Still air
120
°C/W
θ
JA
1 m/s air flow
95
°C/W
θ
JA
3 m/s air flow
80
°C/W
Thermal Resistance Junction to Case
θ
JC
20
°C/W
Thermal Resistance Junction to Top of
Case
Ψ
JT
Still Air
4.5
°C/W
Maximum Case Temp
120
°C
Thermal Resistance Junction to
Ambient
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
tCYCLEIN
910
11
ns
tcyc-tcyc
2
185
ps
dtin
over 10,000 cycles
40
60
%
tR, tF
20% to 80% of input voltage
175
700
ps
tR-F
20% to 80% of input voltage
-
150
ps
fINM
3
30
33
kHz
Triangular modulation
0.6
%
Non-triangular modulation
0.54
%
tsl(I)
20% to 80% of input voltage
1
4
V/ns
CINCLK
CLK_INT, CLK_INC
7
pF
CIN
VI = VDD2.5 or GND
10
pF
tCYCLETST
Bypass Mode
4
40
ns
fSMB
10
100
kHz
Notes:
1
2
3
4
5
Input clock slew rate
Input Capacitance
5
CLK_INT/CLK_INC rise and fall time
Difference between input rise and fall
time on same pin of a single device
Spread spectrum modulation frequency
Input clock duty cycle
Cycle-to-Cycle Jitter
AC Characteristics-Inputs
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
PARAMETER
CLK_INT/CLK_INC cycle time
1
Capacitance measured at f = 1 MHz, DC bias = 0.9V, VAC <100mV.
mINDEX
3
Measured at (VIH(nom) - VIL(nom))/2 and is the absolute value of the worst case deviation.
Measured at crossing points for differential clock input or at VTH for single- ended clock input.
If input modulation is used. Input modulation is not necessary.
The amount of allowed spreading for non-triangular modulation is determined by the induced downstream
tracking skew.
Spread spectrum modulation index
SMBus clock frequency
CLK_INT cycle time
Input Capacitance
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com