Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 5Page - Integrated Device Technology ICS9220 Datasheet HTML 6Page - Integrated Device Technology ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology ICS9220 Datasheet HTML 11Page - Integrated Device Technology ICS9220 Datasheet HTML 12Page - Integrated Device Technology ICS9220 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
ICS9220
1227G—11/05/07
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 4.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
DC Characteristics - Inputs
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD2.5,
AVDD
2.375
2.625
V
VIHCLK
0.6
0.95
V
VILCLK
-0.15
0.15
V
VIXCLK
0.2
0.55
V
VIXCLK
0.15
V
VTH
0.35
0.5VDD2.5
V
VIHSE
VTH +
0.3
2.625
V
VILSE
-0.15
VTH - 0.3
V
VIH
1.4
2.625
V
VIL
-0.15
0.8
V
VIHSMB
1.4
3.465
2
V
VILSMB
-0.15
0.8
V
Notes:
1
2
When using singled-ended clock input, VTH is supplied to CLK_INTC as shown in Figure 2. Duty cycle of
singled-ended CLK_IN is measured at VTH.
This range of SMBus input high voltages allows the 9220 to co-exist with 3.3V, 2.5V and 1.8V devices on
the same SMBus.
PARAMETER
Supply Voltage
High-level input voltage
Low-level input voltage
Crossing point voltage
Difference in crossing point voltage
Input threshold voltage
High-level input voltage for single-ended
CLK_IN
Low-level input voltage - SMBus
CLK_INT, CLK_INC
Singled-ended CLK_IN
1
OE, AS1, AS2, BYPASS#/PLL
SMBCLK, SMBDAT
Low-level input voltage for single-ended
CLK_IN
High-level input voltage
Low-level input voltage
High-level input voltage - SMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com