Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology ICS9220 Datasheet HTML 11Page - Integrated Device Technology ICS9220 Datasheet HTML 12Page - Integrated Device Technology ICS9220 Datasheet HTML 13Page - Integrated Device Technology ICS9220 Datasheet HTML 14Page - Integrated Device Technology ICS9220 Datasheet HTML 15Page - Integrated Device Technology ICS9220 Datasheet HTML 16Page - Integrated Device Technology ICS9220 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
ICS9220
1227G—11/05/07
R2
R3
RT
ZCH
R1
Measurement
Differential Driver
Point
RT
ZCH
Measurement
Point
R2
R3
R1
Swing Current
Control
RRC
VT
VT
VTS
VTS
ISET
ODCLK_T
ODCLK_C
Figure 2. Example System Clock Driver Equivalent Circuit
t
F
80%
V(t)
20%
t
R
V
H
V
L
Figure 3. Input and Output Voltage Waveforms
Vx,nom
Vx+
Vx-
ODCLK_T
ODCLK_C
Figure 4. Crossing-point Voltage
Input Clock Signal
The ICS9220 receives either a differential or single-ended reference clock (CLK_INT/C). When the reference input clock
is from a differential clock source, it must meet the voltage levels and timing requirements listed in the DC
Characteristics – Inputs and AC Characteristics – Inputs tables.
For a singled-ended clock input, an external voltage divider and a supply voltage, as shown in Figure 2, provide a
reference voltage VTH at the CLK_INC pin to determine the proper switching point for CLK_INT. The range of VTH is
specified in the DC Characteristics – Inputs table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com