Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 22 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 22 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 26Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
M O D E L
N U M B E R
S T E A M
C O A X I A L
P R O B E
A
316/316L (1.4401/1.4404)
K
316/316L (1.4401/1.4404) ASME B31.1 Specifications
MATERIAL OF CONSTRUCTION (all wetted parts) and MINIMUM DIELECTRICS
7
ANSI Flanges
PROCESS CONNECTION – SIZE/TYPE
(consult factory for other process connections)
Flanges are of solid material per selected material of construction
2 3
1"
150# ANSI RF
2 4
1"
300# ANSI RF
2 5
1"
600# ANSI RF
2 7
1"
900/1500# ANSI RF
2 K
1"
600# ANSI RJ
2 L
1"
900# ANSI RJ
3 3
1
1⁄2"
150# ANSI RF
3 4
1
1⁄2"
300# ANSI RF
3 5
1
1⁄2"
600# ANSI RF
3 7
1
1⁄2"
900/1500# ANSI RF
3 K
1
1⁄2"
600# ANSI RJ
3 M
1
1⁄2"
900/1500# ANSI RJ
3 N
1
1⁄2"
2500# ANSI RJ
4 3
2"
150# ANSI RF
4 4
2"
300# ANSI RF
4 5
2"
600# ANSI RF
4 7
2"
900/1500# ANSI RF
4 K
2"
600# ANSI RJ
4 M
2"
900/1500# ANSI RJ
4 N
2"
2500# ANSI RJ
5 3
3"
150# ANSI RF
5 4
3"
300# ANSI RF
5 5
3"
600# ANSI RF
5 6
3"
900# ANSI RF
5 7
3"
1500# ANSI RF
5 K
3"
600# ANSI RJ
5 L
3"
900# ANSI RJ
5 M
3"
1500# ANSI RJ
5 N
3"
2500# ANSI RJ
6 3
4"
150# ANSI RF
6 4
4"
300# ANSI RF
6 5
4"
600# ANSI RF
6 6
4"
900# ANSI RF
6 7
4"
1500# ANSI RF
6 K
4"
600# ANSI RJ
6 L
4"
900# ANSI RJ
6 M
4"
1500# ANSI RJ
6 N
4"
2500# ANSI RJ
1 1
3⁄4" NPT Thread
2 2
1" BSP (G1) Thread
8
Steam Seal (Aegis PF 128 / PEEK)
PROCESS SEAL – O-RING MATERIAL
Œ
Always check dimensions if ANSI/DIN flanges are not used.

As per dimensions on page 10.
B B
DN 25, PN 16/25/40 EN 1092-1 Type A
B C
DN 25, PN 63/100 EN 1092-1 Type B2
B F
DN 25, PN 160 EN 1092-1 Type B2
C B
DN 40, PN 16/25/40 EN 1092-1 Type A
C C
DN 40, PN 63/100 EN 1092-1 Type B2
C F
DN 40, PN 160 EN 1092-1 Type B2
C G
DN 40, PN 250 EN 1092-1 Type B2
C H
DN 40, PN 320 EN 1092-1 Type B2
C J
DN 40, PN 400 EN 1092-1 Type B2
D A
DN 50, PN 16 EN 1092-1 Type A
D B
DN 50, PN 25/40 EN 1092-1 Type A
D D
DN 50, PN 63 EN 1092-1 Type B2
D E
DN 50, PN 100 EN 1092-1 Type B2
D F
DN 50, PN 160 EN 1092-1 Type B2
D G
DN 50, PN 250 EN 1092-1 Type B2
D H
DN 50, PN 320 EN 1092-1 Type B2
D J
DN 50, PN 400 EN 1092-1 Type B2
E A
DN 80, PN 16 EN 1092-1 Type A
E B
DN 80, PN 25/40 EN 1092-1 Type A
E D
DN 80, PN 63 EN 1092-1 Type B2
E E
DN 80, PN 100 EN 1092-1 Type B2
E F
DN 80, PN 160 EN 1092-1 Type B2
E G
DN 80, PN 250 EN 1092-1 Type B2
E H
DN 80, PN 320 EN 1092-1 Type B2
E J
DN 80, PN 400 EN 1092-1 Type B2
F A
DN 100, PN 16 EN 1092-1 Type A
F B
DN 100, PN 25/40 EN 1092-1 Type A
F D
DN 100, PN 63 EN 1092-1 Type B2
F E
DN 100, PN 100 EN 1092-1 Type B2
F F
DN 100, PN 160 EN 1092-1 Type B2
F G
DN 100, PN 250 EN 1092-1 Type B2
F H
DN 100, PN 320 EN 1092-1 Type B2
F J
DN 100, PN 400 EN 1092-1 Type B2
EN/DIN Flanges
T T
600# Fisher (249B/259B) in carbon steel

T U
600# Fisher (249C) in stainless steel

U T
600# Masoneilan flange in carbon steel

U U
600# Masoneilan flange in stainless steel

Proprietary Flanges
Œ
Threaded
7 * S
Coaxial GWR probe for saturated steam applications, including steam compensation/reference target
BASIC MODEL NUMBER – Suited for Saturated Steam Applications
*Specify “E” for English (e.g., 7ES) or “M” for Metric (e.g., 7MS)
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).
INSERTION LENGTH
24 to 180 inches (60 to 450 cm)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com