Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 18 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 18 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
M O D E L
N U M B E R
T W I N
R O D
P R O B E
7 * B
Twin Rod GWR probe
ε
r
≥ 1.9 - WHG approved
BASIC MODEL NUMBER – GWR probe for in-tank mounting only
A
316/316L (1.4401/1.4404) stainless steel with Teflon® spacers
B
Hastelloy C (2.4819) with TFE spacers
C
Monel (2.4360) with TFE spacers
J
316/316L SS NACE Construction
MATERIAL OF CONSTRUCTION – wetted parts (including process connection flange when applicable)
4 1
2" NPT Thread
4 2
2" BSP (G2) Thread
Threaded
5 3
3"
150# ANSI Raised Face Flange
5 4
3"
300# ANSI Raised Face Flange
6 3
4"
150# ANSI Raised Face Flange
6 4
4"
300# ANSI Raised Face Flange
ANSI Flanges
E A
DN 80, PN 16
EN 1092-1 Type A
E B
DN 80, PN 25/40
EN 1092-1 Type A
E D
DN 80, PN 63
EN 1092-1 Type B2
F A
DN 100, PN 16
EN 1092-1 Type A
F B
DN 100, PN 25/40
EN 1092-1 Type A
F D
DN 100, PN 63
EN 1092-1 Type B2
EN/DIN Flanges (consult factory for DN 50 process connections)
PROCESS CONNECTION – SIZE/TYPE
T T
600# Fisher (249B/259B) in carbon steel –
as per dimensions of Figure 1 on page 11
T U
600# Fisher (249C) in stainless steel –
as per dimensions of Figure 2 on page 11
U T
600# Masoneilan flange in carbon steel –
as per dimensions of Figure 3 on page 11
U U
600# Masoneilan flange in stainless steel –
as per dimensions of Figure 3 on page 11
Torque Tube Mating Flanges
Œ
0
Viton GFLT seal – for universal use
-40° F (-40° C) / +400 °F (+200° C)
2
Kalrez 4079 seal – for aggressive media
Ž
-40° F (-40° C) / +400° F (+200° C)
8
Aegis PF 128 seal – for NACE applications
-4° F (-20° C) / +400° F (+200° C)
PROCESS SEAL – O-RING MATERIAL

Œ
Always check dimensions if ANSI/DIN flanges are not used.

Consult factory for alternative o-ring materials.
Consult factory for HF Acid applications.
Ž
For ammonia/chlorine applications use the 7xD GWR probe.
18
7B
*Specify “E” for English (e.g., 7EB) or “M” for Metric (e.g., 7MB)
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).
INSERTION LENGTH
24 to 240 inches (60 to 610 cm)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com