Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
A G E N C Y
A P P R O V A L S
FM
705-5XXX-1XX
Intrinsically Safe
Class I, Div. 1; Groups A, B, C, & D
705-5XXX-2XX
Class II, Div. 1; Groups E, F, & G T4
Class III, Type 4X, IP66
Entity
705-5XXX-3XX
Explosion Proof
Œ
Class I, Div. 1; Groups B, C & D
705-5XXX-4XX
(with Intrinsically Safe probe)
Class II, Div. 1; Groups E, F, & G T4
Class III, Type 4X, IP66
705-5XXX-XXX
Non-Incendive
Class I, Div. 2; Groups A, B, C, & D
705-5XXX-XXX
Suitable for:

Class II, Div. 2; Groups F & G T4
Class III, Type 4X, IP66
CSA
705-5XXX-1XX
Intrinsically Safe
Class I, Div. 1; Groups A, B, C, & D
705-5XXX-2XX
Class II, Div. 1; Group E, F & G T4
Class III, Type 4X
Entity
705-5XXX-3XX
Explosion Proof
Œ
Class I, Div. 1; Groups B, C & D
705-5XXX-4XX
(with Intrinsically Safe probe)
Class II, Div. 1; Group E, F & G T4
Class III, Type 4X
705-5XXX-XXX
Non-Incendive
Class I, Div. 2; Groups A, B, C, & D
705-5XXX-XXX
Suitable for:

Class II, Div. 2; Group E, F & G T4
Class III, Type 4X
IEC
705-5XXX-AXX
Intrinsically Safe
Ž
Zone 0 Ex ia IIC T4
705-5XXX-BXX
ATEX
705-5XXX-AXX
Intrinsically Safe
Ž
II
1G, EEx ia IIC T4
705-5XXX-BXX
705-5XXX-CXX
Flame Proof
II
1/2G, EEx d [ia] IIC T6
705-5XXX-DXX
705-51XX-EXX
Non-sparking
II
3(1)G, EEx nA [ia] IIC T4..T6
705-51XX-FXX
with probe II 1 G EEx ia IIC T6
705-52XX-EXX
II
3(1)G, EEx nA [nL] [ia] IIC T4..T6
705-52XX-FXX
with probe II 1 G EEx ia IIC T6
AGENCY
MODEL APPROVED
APPROVAL CATEGORY
APPROVAL CLASSES
Œ
Factory Sealed: This product has been approved by Factory Mutual Research (FM), and Canadian
Standards Association (CSA), as a Factory Sealed device.
 IMPORTANT: Measured media inside vessel must be non-flammable only.
If media inside vessel is flammable, then the explosion proof version (which
contains an internal barrier making the probe Intrinsically Safe) is required.
Ž
Special conditions for safe use
Because the enclosure of the Guided Wave Radar Level Transmitter Eclipse Model 705-5 _ _ _ - _1_
and/or Probe Eclipse Model 7__ - _ _ _ _ - __ _ is made of aluminum, if it is mounted in an area
where the use of category 1 G (Zone 0) apparatus is required, it must be installed such, that, even
in the event of rare incidents, ignition sources due to impact and friction sparks are excluded.
For applications in explosive atmospheres caused by gases, vapours or mists and where category
1G (Zone 0) apparatus is required, electrostatic charges on the non-metallic parts of the Probe
Eclipse Model 7x5- _ _ _ _ - __ _ , Model 7x7- _ _ _ _ - __ _ and Model 7_ F- _ _ _ _ - __ _ shall be avoided.
These units are in conformity of:
1. The EMC Directive: 2004/108/EC. The units have
been tested to EN 61326.
2. Directive 94/9/EC for equipment or protective system
for use in potentially explosive atmospheres.
0344
Note: Single and twin rod probes must be used in metallic
vessel or stillwell to maintain CE compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com