Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
0
3⁄4" NPT
1
M20
0
No digital display and keypad
A
Digital display and keypad
M O D E L
N U M B E R
T R A N S M I T T E R
14
5
24 VDC, Two-wire
BASIC MODEL NUMBER
POWER
ACCESSORIES
CONDUIT CONNECTION
MOUNTING/CLASSIFICATION
705
Eclipse Guided Wave Radar Level Transmitter
1
Integral, General Purpose & Intrinsically Safe
(FM & CSA), Non-incendive (Class I, Div. 2)
2
Remote, General Purpose & Intrinsically Safe
(FM & CSA), Non-incendive (Class I, Div. 2)
3
Integral, Explosion Proof (FM & CSA) & Non-incendive
4
Remote, Explosion Proof (FM & CSA) & Non-incendive
A
Integral, General Purpose & Intrinsically Safe
(ATEX & JIS EEx ia IIC T4)
B
Remote, General Purpose & Intrinsically Safe
(ATEX & JIS EEx ia IIC T4)
C
Integral, Explosion Proof (ATEX EEx d [ia] IIC T6)
(must be ordered with Conduit Connection Codes 0 and 1)
D
Remote, Explosion Proof (ATEX EEx d [ia] IIC T6)
(must be ordered with Conduit Connection Codes 0 and 1)
E
Integral, Non-incendive (ATEX EEx n II T4..6)
F
Remote, Non-incendive (ATEX EEx n II T4..6)
SIGNAL OUTPUT AND ELECTRONICS
1 0
4–20 mA with HART – SIL 1 standard electronics (SFF of 85.4%)
1 A
4–20 mA with HART – SIL 2 enhanced electronics (SFF of 91%)
2 0
FOUNDATION fieldbus™ communication
3 0
PROFIBUS PA™ communication
70
5
5
1
Cast aluminum, dual compartment, 45° angle
2
316 stainless steel, dual compartment, 45° angle
Œ
7
Cast aluminum, dual compartment, 45° angle, 12-ft remote
8
316 stainless steel, dual compartment, 45° angle, 12-ft remote
Œ
HOUSING
Œ
To reduce the possibility of probe damage due to vibration,
it is recommended to use a remote mount transmitter
(Mounting/Classification codes 2, 4, B, C or F) when
ordering the heavier 316 SS version.
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com