Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
M O D E L
N U M B E R
C O A X I A L
P R O B E
7 * R
GWR probe for overall level
ε
r
≥ 1.4 - WHG approved
7 * M
GWR probe for level w/ flushing connection
ε
r
≥ 1.4 - WHG approved
7 * T
GWR probe for interface level
upper liq:
ε
r
≥ 1.4 and ≤ 5 / lower liq: ≥ 15 - WHG aprvd.
7 * N
GWR probe for interface level w/ flushing connection
upper liq:
ε
r
≥ 1.4 and ≤ 5 / lower liq: ≥ 15 - WHG aprvd.
BASIC MODEL NUMBER – GWR probe suited for external cage and/or in-tank mounting
A
316/316L (1.4401/1.4404) SS w/ Teflon® spacers
B
Hastelloy C (2.4819)
C
Monel (2.4360)
J
316/316L SS NACE Construction
MATERIAL OF CONSTRUCTION – wetted parts (including process connection flange when applicable)
1 1
3⁄4" NPT Thread
2 2
1" BSP (G1) thread
Threaded
2 3
1"
150# ANSI RF
2 4
1"
300# ANSI RF
2 5
1"
600# ANSI RF
3 3
1
1⁄2"
150# ANSI RF
3 4
1
1⁄2"
300# ANSI RF
3 5
1
1⁄2"
600# ANSI RF
4 3
2"
150# ANSI RF
4 4
2"
300# ANSI RF
4 5
2"
600 lbs. ANSI RF
5 3
3"
150 lbs. ANSI RF
5 4
3"
300 lbs. ANSI RF
5 5
3"
600 lbs. ANSI RF
6 3
4"
150 lbs. ANSI RF
6 4
4"
300 lbs. ANSI RF
6 5
4"
600 lbs. ANSI RF
ANSI Flanges
B B
DN 25, PN 16/25/40
EN 1092-1 Type A
B C
DN 25, PN 63/100
EN 1092-1 Type B2
C B
DN 40, PN 16/25/40
EN 1092-1 Type A
C C
DN 40, PN 63/100
EN 1092-1 Type B2
D A
DN 50, PN 16
EN 1092-1 Type A
D B
DN 50, PN 25/40
EN 1092-1 Type A
D D
DN 50, PN 63
EN 1092-1 Type B2
D E
DN 50,
PN 100
EN 1092-1 Type B2
E A
DN 80, PN 16
EN 1092-1 Type A
E B
DN 80, PN 25/40
EN 1092-1 Type A
E D
DN 80,
PN 63
EN 1092-1 Type B2
E E
DN 80,
PN 100
EN 1092-1 Type B2
F A
DN 100, PN 16
EN 1092-1 Type A
F B
DN 100, PN 25/40 EN 1092-1 Type A
F D
DN 100, PN 63
EN 1092-1 Type B2
F E
DN 100, PN 100
EN 1092-1 Type B2
EN/DIN Flanges
PROCESS CONNECTION – SIZE/TYPE
(consult factory for other process connections)
Refer to Bulletin 57-102 for Enlarged Coaxial Probe
T T
600# Fisher (249B/259B) in carbon steel –
as per dimensions of Figure 1 on page 11
T U
600# Fisher (249C) in stainless steel –
as per dimensions of Figure 2 on page 11
U T
600# Masoneilan flange in carbon steel –
as per dimensions of Figure 3 on page 11
U U
600# Masoneilan flange in stainless steel –
as per dimensions of Figure 3 on page 11
Torque Tube Mating Flanges
Œ
0
Viton GFLT seal – for universal use
-40° F (-40° C) / +400° F (+200° C)
2
Kalrez 4079 seal – for aggressive media
Ž
-40° F (-40° C) / +400° F (+200° C)
8
Aegis PF 128 seal – for steam

and NACE apps
-4° F (-20° C) / +400° F (+200° C)
PROCESS SEAL – O-RING MATERIAL

Œ
Always check dimensions if ANSI/DIN flanges are not used.

Consult factory for alternative o-ring materials.
Ž
For ammonia/chlorine applications use the 7xD GWR probe.
Consult factory for HF acid applications.

Max +400° F (+200° C) for use on steam.

Consult factory for insertion lengths < 24" (60 cm)
16
7
*Specify “E” for English (e.g., 7ER) or “M” for Metric (e.g., 7MR)
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).
INSERTION LENGTH

24 to 240 inches (60 to 610 cm)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com