Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
5.39 (137)
5.68
(144)
3.28
(83)
4.12
(105)
10.08
(256)
10.08
( 256)
4.00
(102)
4.00
(102)
2 cable
entries
45°
7xR / 7xT
with threaded
connection
Probe Insertion
Length
1" BSP (G1)
Process Conn.
Probe Insertion
Length
3
⁄4" NPT
Process Conn.
6.38 (162)
6.73
(171)
3.28
(83)
4.12
(105)
10.08
(256)
4.00
(102)
2 cable
entries
45°
7xM / 7xN
with flushing
connection
Probe Insertion
Length
1" BSP (G1)
Process Conn.
Probe Insertion
Length
3
⁄4" NPT
Process Conn.
6.61 (168)
Mounting
Flange
7xR / 7xT
with flanged connection
3.28
(83)
4.12
(105)
2 cable
entries
45°
Probe
Insertion
Length
10.08
(256)
4.00
(102)
8.11 (206)
Mounting
Flange
1
⁄4" NPT
plugged
1
⁄4" NPT
plugged
7xM / 7xN
with flushing connection
3.28
(83)
4.12
(105)
2 cable
entries
45°
Probe
Insertion
Length
Coaxial GWR Probe,
End View
O V E R F I L L S A F E & O V E R F I L L P R O O F
Eclipse 7xR, 7xM, 7xT and 7xN coaxial type GWR probes are
“overfill safe” in operation and “Overfill proof” certified.
Overfill safe means that the unit is capable of measuring up
to the process connection. “Non overfill safe” probes often use
software algorithms to ignore level readings in the blocking
distance or transition zone. When level rises in this zone, non-
overfill safe may consider the end of probe reflection as to
the real level and may report an empty vessel instead of a full
vessel.
Overfill proof protection (such as WHG or VLAREM) certifies
reliable operation when the transmitter is used as overfill alarm
but assumes that the installation is designed in such way that
the vessel/ cage cannot overfill.
Venting holes
for level
A
B
D
E
Slots for 7xR-A
(order with
“x” description)
1.97
( 50)
0.79
(20)
0.16 (4)
Dim.
Standard
Enlarged
A
12 (305)
12 (305)
B
Ø 0.25 (6.4)
Ø 0.5 (12.7)
C
0.75 (19)
1 (25.4)
D
0.88 (22.5)
1.75 (45) - SST
1.92 (49) - HC and Monel
E
0.31 (8)
0.63 (16)
17
C O A X I A L
P R O B E
M O U N T I N G
Measure to
Top of Probe
C O A X I A L
P R O B E
D I M E N S I O N S
I N C H E S
( m m )
C
Venting holes
for interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com