Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5202-21 Datasheet(PDF) 19 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 19 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 23Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Maximum Level
Maximum
Level
Minimum Ø 3"/DN 80
7xB
with threaded
2" BSP (G2) connection
7xB
with threaded
2" NPT connection
7xB
with flanged
connection
3.28
(83)
4.12
(105)
10.08
(256)
4.00 (102)
4.96 (126)
5.08 (129)
10.08
(256)
10.08
(256)
4.00
(102)
2" BSP (G2)
Process Conn.
2 cable
entries
Probe
Insertion
Length
45°
3.28
(83)
4.12
(105)
2" NPT
Process Conn.
2 cable
entries
Probe
Insertion
Length
45°
3.28
(83)
4.12
(105)
Mounting
Flange
2 cable
entries
Probe
Insertion
Length
45°
0.875 (22.2)
0.248 (6.3)
min 1.00
(25)
Tank or cage wall
Ø 0.50 (13)
Rods
Twin Rod GWR Probe,
end view
4.00
(102)
4.00
(102)
19
T W I N
R O D
P R O B E
M O U N T I N G
T W I N
R O D
P R O B E
D I M E N S I O N S
I N C H E S
( m m )
O V E R F I L L S A F E &
O V E R F I L L P R O T E C T I O N
Eclipse Twin Rod GWR probes utilize software algorithms to
ignore level readings in the transition zone at the top of the
GWR probe. The maximum level is 6" (150 mm) below the
process connection. This may include utilizing a nozzle or
spool piece to raise the probe. Twin rod probes are overfill
proof certified but not overfill safe in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com