Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16C21 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Rev. 1.00
5
November 22, 2011
HT16C21
Pin Description
Pin Name
Type
Description
SDA
I/O
Serial data input/output for I2C interface
SCL
I
Serial clock input for I2C interface
VDD
—
Positive power supply.
VSS
—
Negative power supply, ground.
VLCD
—
● One external resistor is connected between the VLCD pin and the VDD
pin to determine the bias voltage for the package with a VLCD pin.
Internal voltage adjustment function is disabled.
● Internal voltage adjustment function can be used to adjust the VLCD
voltage. If the VLCD pin is used as voltage detection pin, an external
power supply should not be applied to the VLCD pin.
● An external MCU can detect the voltage of the VLCD pin and program the
internal voltage adjustment for the packages with a VLCD pin.
COM0~COM3
O
LCD common outputs.
COM4/SEG0~COM7/SEG3
O
LCD common/segment multiplexed driver outputs
SEG4~SEG19
O
LCD segment outputs.
Approximate Internal Connections
VDD
VSS
SCL, SDA (for schmit Trigger type)
Vselect-on
Vselect-off
COM0~COM7; SEG0~SEG19
Absolute Maximum Ratings
Supply voltage ......................................................................................................................VSS−0.3V to VSS+6.5V
Input voltage ........................................................................................................................VSS−0.3V to VDD+0.3V
Storage temperature .......................................................................................................................-55°C to +150°C
Operating temperature .....................................................................................................................-40°C to +85°C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maximum Ratings"
may cause substantial damage to the device. Functional operation of this device at other conditions beyond
those listed in the specification is not implied and prolonged exposure to extreme conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com