Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Rev. 1.00
16
November 22, 2011
HT16C21
Acknowledge
● Each bytes of eight bits is followed by one acknowledge bit. This acknowledge bit is a low level placed on the
I2C interface by the receiver. The master generates an extra acknowledge related clock pulse.
● A slave receiver which is addressed must generate an acknowledge, ACK, after the reception of each byte.
● The device that acknowledges must pull down the SDA line during the acknowledge clock pulse so that it
remains stable low during the high period of this clock pulse.
● A master receiver must signal an end of data to the slave by generating a not-acknowledge, NACK, bit on the
last byte that has been clocked out of the slave. In this case, the master receiver must leave the data line high
during the 9th pulse to not acknowledge. The master will generate a STOP or repeated START condition.
S
1
2
7
8
9
clock pulse for
acknowledgement
Data Output
by Transmitter
Data Outptu
by Receiver
SCL From
Master
acknowledge
not acknowledge
START
condition
Slave Addressing
● The slave address byte is the first byte received following the START condition form the master device. The
first seven bits of the first byte make up the slave address. The eighth bit defines a read or write operation to be
performed. When the R/W bit is “1”, then a read operation is selected. A “0” selects a write operation.
● The HT16C21 address bits are “0111000”. When an address byte is sent, the device compares the first seven
bits after the START condition. If they match, the device outputs an Acknowledge on the SDA line.
Slave Address
0
1
1
1
0
0
0
R/W
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com