Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Rev. 1.00
21
November 22, 2011
HT16C21
Internal Voltage Adjustment (IVA) Setting Command
The internal voltage (VLCD) adjustment can provide sixteen kinds of regulator voltage adjustment options by
setting the LCD operating voltage adjustment command.
Function Byte (MSB)
Bit7
Bit6 Bit5 Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0
Note
R/W Def
Internal
Voltage
Adjustment
(IVA)
Setting
1st
1
0
0
0
1
0
1
0
W
Internal
Voltage
Adjust
control
2nd
X
X
DE
VE
DA3 DA2 DA1 DA0
● The Segment/VLCD
shared pin can be
programmed via the
“DE” bit.
● The “VE” bit is used
to enable or disable
the internal voltage
adjustment for bias
voltage.
● The DA3~DA0 bits can
be used to adjust the
VLCD output voltage.
W 30H
Note:
Bit
Segment /
VLCD Shared
Pin Select
Internal
Voltage
Adjustment
Note
DE
VE
0
0
VLCD pin
off
● The Segment/VLCD pin is set as the VLCD pin.
● Disable the internal voltage adjustment function
● One external resister must be connected between
VLCD pin and VDD pin to determine the bias voltage,
and internal voltage follower (OP4) must be enabled by
setting the DA3~DA0 bits as the value other than “0000”.
● If the VLCD pin is connected to the VDD pin, the internal
voltage follower (OP4) must be disabled by setting the
DA3~DA0 bits as “0000”.
0
1
VLCD pin
on
● The Segment/VLCD pin is set as the VLCD pin.
● Enable the internal voltage adjustment function.
● The VLCD pin is an output pin of which the voltage can
be detected by the external MCU host.
1
0
Segment pin
off
● The Segment/VLCD pin is set as the Segment pin.
● Disable the internal voltage adjustment function.
● The bias voltage is supplied by the internal VDD power.
● The internal voltage-follower (OP4) is disabled
automatically and DA3~DA0 don’t care.
1
1
Segment pin
on
● The Segment/VLCD pin is set as the Segment pin.
● Enable the internal voltage adjustment function.
● Power on status: Disable the internal voltage adjustment and the Segment/VLCD pin is set as the Segment pin.
● When the DA0~DA3 bits are set to “0000”, the internal voltage-follower (OP4) is disabled. When the DA0~DA3
bits are set to other values except “0000”, the internal voltage follower (OP4) is enabled.
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com