Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 34Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Rev. 1.00
32
November 22, 2011
HT16C21
Carrier Tape Dimensions
Carrier Tape Dimensions
SOP 28W (300mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0±0.3
P
Cavity Pitch
12.0±0.1
E
Perforation Position
1.75±0.10
F
Cavity to Perforation (Width Direction)
11.5±0.1
D
Perforation Diameter
1.5
+0.1/-0.0
D1
Cavity Hole Diameter
1.50
+0.25/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavity to Perforation (Length Direction)
2.0±0.1
A0
Cavity Length
10.85±0.10
B0
Cavity Width
18.34±0.10
K0
Cavity Depth
2.97±0.10
t
Carrier Tape Thickness
0.35±0.01
C
Cover Tape Width
21.3±0.1
Package Information
3
April 1, 2010
P
D
1
W
P
1
P
0
D
E
F
t
K
0
B
0
A
0
C
I C
p
a
c
k
a
g
e
p
i n
1
a
n
d
t h
e
r e
e
l
h
o
l e
s
a
r e
l o
c
a
t e
d
o
n
t h
e
s
a
m
e
s
i d
e
.
R
e
e
l
H
o
l e
SOP 20W (300mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0+0.3/-0.1
P
Cavity Pitch
12.0±0.1
E
Perforation Position
1.75±0.10
F
Cavity to Perforation (Width Direction)
11.5±0.1
D
Perforation Diameter
1.5+0.1/-0.0
D1
Cavity Hole Diameter
1.50+0.25/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavity to Perforation (Length Direction)
2.0±0.1
A0
Cavity Length
10.8±0.1
B0
Cavity Width
13.3±0.1
K0
Cavity Depth
3.2±0.1
t
Carrier Tape Thickness
0.30±0.05
C
Cover Tape Width
21.3±0.1
SOP 24W (300mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0+0.3
P
Cavity Pitch
12.0±0.1
E
Perforation Position
1.75±0.1
F
Cavity to Perforation (Width Direction)
11.5±0.1
D
Perforation Diameter
1.55+0.1/-0.00
D1
Cavity Hole Diameter
1.50+0.25/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavity to Perforation (Length Direction)
2.0±0.1
A0
Cavity Length
10.9±0.1
B0
Cavity Width
15.9±0.1
K0
Cavity Depth
3.1±0.1
t
Carrier Tape Thickness
0.35±0.05
C
Cover Tape Width
21.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com