Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Rev. 1.00
9
November 22, 2011
HT16C21
Functional Description
Power-On Reset
When the power is applied, the device is initialized by an internal power-on reset circuit. The status of the internal
circuits after initialization is as follows:
● All common/segment outputs are set to VLCD.
● The drive mode 1/4 duty output and 1/3 bias is selected.
● The System Oscillator and the LCD bias generator are off state.
● LCD Display is off state.
● Internal voltage adjustment function is enabled.
● The Segment / VLCD shared pin is set as the Segment pin.
● Detection switch for the VLCD pin is disabled.
● Frame Frequency is set to 80Hz.
● Blinking function is switched off.
Data transfers on the I2C interface should be avoided for 1 ms following power-on to allow completion of the reset
action.
Display Memory – RAM Structure
The display RAM is static 16 x 8-bits RAM which stores the LCD data. Logic “1” in the RAM bit-map indicates
the “on” state of the corresponding LCD segment; similarly, logic 0 indicates the ‘off’ state.
The contents of the RAM data are directly mapped to the LCD data. The first RAM column corresponds to the
segments operated with respect to COM0. In multiplexed LCD applications the segment data of the second, third
and fourth column of the display RAM are time-multiplexed with COM1, COM2 and COM3 respectively. The
following is a mapping from the RAM data to the LCD pattern:
Output
COM3
COM2
COM1
COM0
Output
COM3
COM2
COM1
COM0 Address
SEG1
SEG0
00H
SEG3
SEG2
01H
SEG5
SEG4
02H
SEG7
SEG6
03H
SEG9
SEG8
04H
SEG11
SEG10
05H
SEG13
SEG12
06H
SEG15
SEG14
07H
SEG17
SEG16
08H
SEG19
SEG18
09H
D7
D6
D5
D4
D3
D2
D1
D0
Data
RAM mapping of 20x4 display mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com