Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Rev. 1.00
29
November 22, 2011
HT16C21
28-pin SOP (300mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
MS-013
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.393
―
0.419
B
0.256
―
0.300
C
0.012
―
0.020
C’
0.697
―
0.713
D
―
―
0.104
E
―
0.050
―
F
0.004
―
0.012
G
0.016
―
0.050
H
0.008
―
0.013
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.98
―
10.64
B
6.50
―
7.62
C
0.30
―
0.51
C’
17.70
―
18.11
D
―
―
2.64
E
―
1.27
―
F
0.10
―
0.30
G
0.41
―
1.27
H
0.20
―
0.33
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com