Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16C21 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT16C21
Description  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT16C21 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 1.00
1
November 22, 2011
Rev. 1.00
PB
November 22, 2011
HT16C21
RAM Mapping 20*4 / 16*8 LCD Driver Controller
Feature
● Operating voltage: 2.4 ~ 5.5V
● Internal 32kHz RC oscillator
● Bias: 1/3 or 1/4; Duty: 1/4 or 1/8
● Internal LCD bias generation with voltage-
follower buffers
● I2C interface
● Two selectable LCD frame frequencies: 80Hz or
160Hz
● Up to 16 x 8 bits RAM for display data storage
● Display patterns:
– 20 x 4 patterns: 20 segments and 4 commons
– 16 x 8 patterns: 16 segments and 8 commons
● Versatile blinking modes
● R/W address auto increment
● Internal 16-step voltage adjustment to adjust LCD
operating voltage
● Low power consumption
● Provides VLCD pin to adjust LCD operating voltage
● Manufactured in silicon gate CMOS process
● Package Type: 20/24/28 SOP, 16 NSOP and Chip.
Applications
● Electronic meter
● Water meter
● Gas meter
● Heat energy meter
● Household appliance
● Games
● Telephone
● Consumer electronics
General Description
The HT16C21 device is a memory mapping and
multi-function LCD controller/driver. The display
segments of the device are 80 patterns (20 segments
and 4 commons) or 128 patterns (16 segments and 8
commons). The software configuration feature of the
HT16C21 device makes it suitable for multiple LCD
applications including LCD modules and display
subsystems. The HT16C21 device communicates with
most microprocessors/microcontrollers via a two-line
bidirectional I2C interface.


Similar Part No. - HT16C21

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16C24 HOLTEK-HT16C24 Datasheet
2Mb / 37P
RAM Mapping 72*4/68*8/60*16 LCD Driver Controller
HT16C2T3 HOLTEK-HT16C2T3 Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
HT16C2T4 HOLTEK-HT16C2T4 Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
More results

Similar Description - HT16C21

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16K23 HOLTEK-HT16K23 Datasheet
1Mb / 33P
RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16C24 HOLTEK-HT16C24 Datasheet
2Mb / 37P
RAM Mapping 72*4/68*8/60*16 LCD Driver Controller
HT16K23_1107 HOLTEK-HT16K23_1107 Datasheet
1Mb / 30P
RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
HT16K33 HOLTEK-HT16K33 Datasheet
1Mb / 47P
RAM Mapping 16*8 LED Controller Driver with keyscan
May 16, 2011
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
RAM Mapping 52*4 / 48*8 LCD Driver
November 16, 2011
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
RAM Mapping 40x4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
RAM Mapping 36횞4 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com