Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R005 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
5
November 29, 2011
General Description
The HT46R005 and HT48R005 are a series of 8-bit high
performance, RISC architecture microcontrollers spe-
cifically designed for a wide range of applications. The
usual Holtek microcontroller features of low power con-
sumption, I/O flexibility, timer functions, oscillator op-
tions, power down and wake-up functions, watchdog
timer and low voltage reset, combine to provide devices
with a huge range of functional options while still main-
taining a high level of cost effectiveness. The fully inte-
grated system oscillator HIRC, which requires no
external components and which has three frequency
selections, opens up a huge range of new application
possibilities for these devices, some of which may in-
clude industrial control, consumer products, household
appliances subsystem controllers, etc.
Features
CPU Features
· Operating voltage:
fSYS= 12MHz: 2.2V~5.5V
fSYS= 16MHz: 3.0V~5.5V
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Sleep mode and wake-up functions to reduce
power consumption
· Oscillator types:
External high freuency Crystal -- HXT
External RC -- ERC
Internal RC -- HIRC
· Two operational modes: Normal, Sleep
· Fully integrated internal 4MHz, 8MHz and 12MHz
oscillator requires no external components
· OTP Program Memory: 0.5K´14
· RAM Data Memory: 32´8
· Watchdog Timer function
· LIRC oscillator function for watchdog timer
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· 2-level subroutine nesting
· Bit manipulation instruction
· Low voltage reset function
· Wide range of available package types
Peripheral Features
· 6 bidirectional I/O lines
· 3 channel 12-bit ADC
· External interrupt input shared with an I/O line
· Single 8-bit programmable Timer/Event
Counter with overflow interrupt and prescaler
· Buzzer driving pair supported
· Package types: 10-pin MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com