Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
15
November 29, 2011
The following diagram illustrates the addressing/data
flow of the look-up table:
Table Program Example
The accompanying example shows how the table
pointer and table data is defined and retrieved from the
device. This example uses raw table data located in the
last page which is stored there using the ORG state-
ment. The table pointer is setup here to have an initial
value of
²06H². This will ensure that the first data read
from the data table will be at the Program Memory ad-
dress
²106H² or 6 locations after the start of the last
page. Note that the value for the table pointer is refer-
enced to the first address of the present page if the
²TABRDC [m]² instruction is being used. The high byte
of the table data which in this case is equal to zero will
be transferred to the TBLH register automatically when
the
²TABRDL [m]² instruction is executed.
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use the table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of TBLH and subsequently cause er-
rors if used again by the main routine. As a rule it is rec-
ommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
Instruction
Table Location Bits
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC9~PC8: Current program Counter bits
@7~@0: Table Pointer TBLP bits
· Table Read Program Example - 0.5K ROM size
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialise table pointer - note that this address is referenced
mov tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer to tempregl
; data at prog. memory address
²106H² transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer to tempreg2
; data at prog.memory address
²105H² transferred to tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte register TBLH
:
:
org 100h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
R e g i s t e r T B L H
U s e r S e l e c t e d
R e g i s t e r
H i g h B y t e
L o w B y t e
L a s t p a g e o r
p r e s e n t p a g e
P C x ~ P C 8
P C H i g h B y t e
T B L P R e g i s t e r
D a t a
P r o g r a m M e m o r y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com