Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
21
November 29, 2011
Internal RC Oscillator
- HIRC
The internal RC oscillator is a fully integrated system os-
cillator requiring no external components. The internal
RC oscillator has three fixed frequencies of either
4MHz, 8MHz or 12MHz. Device trimming during the
manufacturing process and the inclusion of internal fre-
quency compensation circuits are used to ensure that
the influence of the power supply voltage, temperature
and process variations on the oscillation frequency are
minimised. As a result, at a power supply of either 3V or
5V and at a temperature of 25 degrees, the fixed oscilla-
tion frequency of 4MHz, 8MHz or 12MHz will have a tol-
erance within 2%. Note that if this internal system clock
option is selected, as it requires no external pins for its
operation, I/O pins PA5 and PA6 are free for use as nor-
mal I/O pins.
Internal Low Speed Oscillator
- LIRC
The LIRC is a fully self-contained free running on-chip
RC oscillator with a typical frequency of 13kHz at 5V re-
quiring no external components. When the device en-
ters the Sleep Mode, the system clock will stop running
but the WDT oscillator continues to free-run and to keep
the watchdog active. However, to preserve power in cer-
tain applications the LIRC can be disabled via a configu-
ration option.
Operating Modes
The system can be selected to operate in two modes.
These Modes are Normal and Sleep.
Operating
Mode
OSC1/OSC2 Configuration
HXT
ERC
HIRC
Normal
Run
Run
Run
Sleep
Stop
Stop
Stop
Operating Mode Control
Mode Switching
The devices are switched between one mode and an-
other using the HALT instruction. The HALT instruction
forces the system into the Sleep Mode.
When a HALT instruction is executed, the system enters
the Sleep mode the following conditions exist:
· The system oscillator will stop running and the appli-
cation program will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT clock source is selected to come from the WDT
oscillator. The WDT will stop if its clock source origi-
nates from the system clock.
· The I/O ports will maintain their present condition.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.
Standby Current Considerations
As the main reason for entering the Sleep Mode is to
keep the current consumption of the MCU to as low a
value as possible, perhaps only in the order of several
micro-amps, there are other considerations which must
also be taken into account by the circuit designer if the
power consumption is to be minimised.
Special attention must be made to the I/O pins on the
device. All high-impedance input pins must be con-
nected to either a fixed high or low level as any floating
input pins could create internal oscillations and result in
P A 5 / P A 6 u s e d a s n o r m a l I / O s
N o t e :
I n t e r n a l R C
O s c i l l a t o r
P A 5 / O S C 2
P A 6 / O S C 1
Internal RC Oscillator
- HIRC
H X T
E R C
H I R C
M U X
C o n f i g u r a t i o n o p t i o n
L X T
M U X
( S L O W )
( N o r m a l )
L I R C
M U X
T o w a t c h d o g t i m e r
f H X T
f E R C
f H I R C
f L X T
f L I R C
f S Y S
f S Y S / 4
C L K M O D
( D e t e r m i n e N o r m a l /
S l o w M o d e )
C o n f i g u r a t i o n o p t i o n
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com