Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
44
November 29, 2011
When an interrupt request is generated it takes 2 or 3 in-
struction cycle before the program jumps to the interrupt
vector. If the device is in the Sleep Mode and is woken
up by an interrupt request then it will take 3 cycles be-
fore the program jumps to the interrupt vector.
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests, the
following table shows the priority that is applied. These
can be masked by resetting the EMI bit.
· HT46R005
Interrupt Source
Priority Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
A/D Conversion Complete
4
10H
· HT48R005
Interrupt Source
Priority Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
In cases where both external and internal interrupts are
enabled and where an external and internal interrupt oc-
curs simultaneously, the external interrupt will always
have priority and will therefore be serviced first. Suitable
masking of the individual interrupts using the interrupt
registers can prevent simultaneous occurrences.
External Interrupt
For an external interrupt to occur, the global interrupt en-
able bit, EMI, and external interrupt enable bit, INTE,
must first be set. An actual external interrupt will take
place when the external interrupt request flag, INTF, is
set, a situation that will occur when an edge transition
appears on the external INT line. The type of transition
that will trigger an external interrupt, whether high to low,
low to high or both is determined by the INTEG0 and
INTEG1 bits, which are bits 6 and 7 respectively, in the
CTRL1 control register. These two bits can also disable
the external interrupt function.
INTEG1
INTEG0
Edge Trigger Type
0
0
External interrupt disable
0
1
Rising edge Trigger
1
0
Falling edge Trigger
1
1
Both edge Trigger
The external interrupt pin is pin-shared with the I/O pin
and can only be configured as an external interrupt pin if
the corresponding external interrupt enable bit in the
INTC0 register has been set and the edge trigger type
has been selected using the CTRL1 register. The pin
must also be setup as an input by setting the corre-
sponding bit in the port control register. When the inter-
rupt is enabled, the stack is not full and a transition
appears on the external interrupt pin, a subroutine call to
the external interrupt vector at location 04H, will take
place. When the interrupt is serviced, the external inter-
rupt request flag, INTF, will be automatically reset and
the EMI bit will be automatically cleared to disable other
interrupts. Note that any pull-high resistor connections
on this pin will remain valid even if the pin is used as an
external interrupt input.
Wait for 2 ~ 3 Instruction Cycles
Main
Program
ISR Entry
Enable Bit Set ?
Main
Program
RETI
(it will set EMI automatically)
Automatically Disable Interrupt
Clear EMI & Request Flag
Interrupt Request or
Interrupt Flag Set by Instruction
Y
N
Interrupt Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com