Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R005 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
System Control Registers
- CTRL0, CTRL1.........................................................19
Wake-up Function Register
- PAWK ....................................................................19
Pull-high Registers
- PAPU ..................................................................................19
Oscillator............................................................................................20
System Oscillator Overview..................................................................................20
System Clock Configurations................................................................................20
External Crystal/Resonator Oscillator
- HXT ........................................................20
External RC Oscillator
- ERC...............................................................................20
Internal RC Oscillator
- HIRC...............................................................................21
Internal Low Speed Oscillator
- LIRC...................................................................21
Operating Modes ...............................................................................21
Mode Switching ....................................................................................................21
Standby Current Considerations...........................................................................21
Wake-up...............................................................................................................22
Watchdog Timer ................................................................................23
Watchdog Timer Operation...................................................................................23
Reset and Initialisation .....................................................................24
Reset Functions ...................................................................................................24
Reset Initial Conditions .........................................................................................25
HT48R005............................................................................................................26
HT46R005............................................................................................................27
Input/Output Ports.............................................................................28
Pull-high Resistors................................................................................................28
Port A Wake-up ....................................................................................................28
I/O Port Control Registers.....................................................................................29
Pin-shared Functions............................................................................................29
I/O Pin Structures .................................................................................................29
Programming Considerations ...............................................................................29
Timer/Event Counters .......................................................................31
Configuring the Timer/Event Counter Input Clock Source .....................................31
Timer Registers
- TMR.........................................................................................31
Timer Control Registers
- TMR0C........................................................................31
Timer Mode ..........................................................................................................33
Event Counter Mode.............................................................................................33
Pulse Width Capture Mode...................................................................................33
Prescaler ..............................................................................................................34
PFD Function .......................................................................................................34
I/O Interfacing.......................................................................................................35
Programming Considerations ...............................................................................35
Timer Program Example.......................................................................................36
HT48R005/HT46R005
Rev. 1.00
iii
November 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com