Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
32
November 29, 2011
· TMR0C Register
Bit
76543210
Name
T0M1
T0M0
¾
T0ON
T0EG
T0PSC2
T0PSC1
T0PSC0
R/W
R/W
R/W
¾
R/W
R/W
R/W
R/W
R/W
POR
0
0
¾
01000
Bit 7,6
T0M1, T0M0: Timer operation mode selection
00: no mode available
01: event counter mode
10: timer mode
11: pulse width capture mode
Bit 5
Unimplemented, read as
²0²
Bit 4
T0ON: Timer/event counter counting enable
0: disable
1: enable
Bit 3
T0EG:
Event counter active edge selection
0: count on raising edge
1: count on falling edge
Pulse Width Capture active edge selection
0: start counting on falling edge, stop on rasing edge
1: start counting on raising edge, stop on falling edge
Bit 2~0
T0PSC2, T0PSC1, T0PSC0: Timer prescaler rate selection
Timer internal clock=
000: fTP
001: fTP/2
010: fTP/4
011: fTP/8
100: fTP/16
101: fTP/32
110: fTP/64
111: fTP/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com