Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R005 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
HT48R005/HT46R005
Rev. 1.00
14
November 29, 2011
Program Memory
The Program Memory is the location where the user
code or program is stored. The device is supplied with
One-Time Programmable, OTP, memory where users
can program their application code into the device. By
using the appropriate programming tools, OTP devices
offer users the flexibility to freely develop their applica-
tions which may be useful during debug or for products
requiring frequent upgrades or program changes.
Structure
The Program Memory has a capacity of 0.5K
´14 to
2K
´15. The Program Memory is addressed by the Pro-
gram Counter and also contains data, table information
and interrupt entries. Table data, which can be setup in
any location within the Program Memory, is addressed
by separate table pointer registers.
Special Vectors
Within the Program Memory, certain locations are re-
served for special usage such as reset and interrupts.
· Reset Vector
This vector is reserved for use by the device reset for
program initialisation. After a device reset is initiated, the
program will jump to this location and begin execution.
· External interrupt vector
This vector is used by the external interrupt. If the ex-
ternal interrupt pin on the device receives an edge
transition, the program will jump to this location and
begin execution if the external interrupt is enabled and
the stack is not full. The external interrupt active edge
transition type, whether high to low, low to high or both
is specified in the CTRL1 register.
· Timer/Event counter interrupt vector
This internal vector is used by the Timer/Event Coun-
ters. If a Timer/Event Counter overflow occurs, the
program will jump to its respective location and begin
execution if the associated Timer/Event Counter inter-
rupt is enabled and the stack is not full.
· A/D interrupt vector
This internal vector is used by the A/D converter. If
A/D conversion complete , the program will jump to
this location and begin execution if the A/D interrupt is
enabled and the stack is not full.
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the lower order address of the
look up data to be retrieved in the table pointer register,
TBLP. This register defines the lower 8-bit address of
the look-up table.
After setting up the table pointer, the table data can be
retrieved from the current Program Memory page or last
Program Memory page using the
²TABRDC[m]² or
²TABRDL [m]² instructions, respectively. When these in-
structions are executed, the lower order table byte from
the Program Memory will be transferred to the user de-
fined Data Memory register [m] as specified in the in-
struction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will be read as
²0².
0 0 H
H T 4 8 R 0 0 5
H T 4 6 R 0 0 5
R e s e t
1 F F H
E x t e r n a l
I n t e r r u p t
T i m e r
I n t e r r u p t
R e s e t
E x t e r n a l
I n t e r r u p t
T i m e r
I n t e r r u p t
0 4 H
0 8 H
0 C H
1 0 H
1 4 H
1 8 H
1 4 b i t s
1 4 b i t s
A / D
I n t e r r u p t
0 0 H
1 F F H
0 4 H
0 8 H
0 C H
1 0 H
1 4 H
1 8 H
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com