Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 21 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 21 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 18Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
21
www.honeywell.com/sensing
TEMPERATURE - THERMISTORS
10 % Tolerance at 25 °C [77 °F]
Lead diameter 0,4064 mm [0.016 in]
Lead spacing 2,54 mm [0.1 in]
OHM
R/T CURVE
DC MIN.
TC MAX.
REFERENCE
500
10
3
10
142-501FAG-RB1
1,000
10
4
10
142-102FAG-RB1
3,000
16
3
10
142-302LAG-RB1
5,000
16
4
10
142-502LAG-RB1
10,000
16
4
10
142-103LAG-RB1
50,000
1
3
10
142-503QAG-RB1
100,000
1
3
10
142-104QAG-RB1
38,1
[1.50]
LEAD SPACING
2,54
[0.10]
10 % Tolerance at 25 °C [77 °F]
Lead diameter 0,508 mm [0.020 in]
Lead spacing 5,08 mm [0.2 in]
OHM
R/T CURVE
DC MIN.
TC MAX.
REFERENCE
100
10
4
16
145-101FAG-RC1
200
10
5
18
145-201FAG-RC1
300
10
6
20
145-301FAG-RC1
500
10
6
25
145-501FAG-RC1
1,000
16
6
20
145-102LAG-RC1
3,000
16
6
22
145-302LAG-RC1
5,000
16
7
35
145-502LAG-RC1
10,000
1
4
20
145-103QAG-RC1
30,000
1
7
28
145-303QAG-RC1
50,000
1
8
32
145-503QAG-RC1
Uncoated chip
Standard Bead Thermistors
Standard Bead thermistors are hermetically-sealed in glass. These small
units provide maximum stability when used to 300 °C [572 °F] for high
temperature design requirements. They are ideally suited for the most
stringent military, aerospace and oceanographic applications.
Operating temperature range:
-60 °C to 300 °C [-76 °F to 572 °F]
Encapsulation:
Glass hermetic seal
Lead material:
Platinum iridium
Dissipation constant (DC):
0.4 mW/°C in still air min.
Time constant (TC):
4 s in still air max.
Resistance range at 25 °C [77 °F]:
200 Ohm to 1 MOhm
20 % Tolerance at 25 °C [77 °F]
OHM
R/T CURVE
RATIO 0 °C/50 °C
REFERENCE
200
8
4.80
112-201BAJ-B01
1,000
11
7.04
112-102EAJ-B01
2,000
11
7.04
112-202EAJ-B01
5,000
11
7.04
112-502EAJ-B01
10,000
12
7.59
112-103FAJ-B01
20,000
13
9.11
112-203HAJ-B01
50,000
14
9.53
112-503JAJ-B01
100,000
15
10.45
112-104KAJ-B01
200,000
15
10.45
112-204KAJ-B01
500,000
4
11.78
112-504NAJ-B01
1 M
5
13.12
112-105PAJ-B01
Axial leads
OPTIONS
Adjacent leads
20 % Tolerance at 25 °C [77 °F]
OHM
R/T CURVE
RATIO 0 °C/50 °C
REFERENCE
2,000
11
7.04
112-202EAJ-H01
5,000
11
7.04
112-502EAJ-H01
10,000
12
7.59
112-103FAJ-H01
100,000
15
10.45
112-104KAJ-H01
600,000
4
11.78
112-604NAJ-H01
9,5
[0.375]
1,14 DIA.
[0.045]
2,29
[0.09]
0,1016 DIA.
[0.004]
1,14 DIA
[0.045]
9,5
[0.375]
2,29
[0.090]
0,1016 DIA.
[0.004]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com