Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 43 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 43 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 46Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 47Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
43
www.honeywell.com/sensing
SS49/490 Series
Ratiometric hall effect
linear position sensor
(Continued)
Non temperature compensated
1,27
0.05
2 x
3 x
MAX
(0)
3 x
1,75
0.07
4,1
0.16
2,54
0.10
2 X 48˚ ± 2˚
2 X 3˚ ± 2˚
GATE
3,0
0.12
2,03
0.08
0,43
0.017
0,38
0.015
3,17
0.125
+
- 0
_
+
Supply voltage:
4 to 10 Vdc
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Magnetic range:
-1000 to 1000 Gauss
REFERENCE
SS49
Miniature Ratiometric hall effect
linear position sensor
SS490 Series MRL (Miniature Ratiometric Linear)
sensors have a ratiometric output voltage, set by
the supply voltage. It varies in proportion to the
strength of the magnetic field.
Temperature compensated
Gate
2X 3˚
2X 48˚
2,54
0.10
4,06
0.16
3,0
1.12
3,2
0.125
15,0
0.59
0,76
0.03
1,3
0.05
2 x
0
+
-
0
+
-
3 x
3 x
MAX
MAX
3 x
0,4
0.015
0,7
0.025
1,75
0.07
1
MAGNETIC RANGE
REFERENCE
-670 to 670 Gauss
SS495B
-840 to 840 Gauss
SS496B
SS500 Series
Hall effect digital
position sensor
Package style:
Surface mount
Supply voltage:
3.8 to 30 Vdc
Operating temperature:
-40 °C to 150 °C
-40 °F to 302 °F
NOMINAL
( PACKAGE
( HALL ELEMENT
.005 MAX FLASH
CATALOG
LISTING
DATE CODE
.005 MAX
6
.067
.164 ± .003
2X .059 ± .002
3X .016
( + )
( - )
(0)
.173
N
S
3
.177 ± .004
OPTIONS
MAXIMUM Operating Point and MINIMUM
Release Point are specified @ 25 °C
Bipolar - temperature compensated
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
60 Gauss
-60 Gauss
SS511AT
140 Gauss
-140 Gauss
SS513AT
Bipolar - non temperature
compensated
Supply voltage:
4,5 to 24 Vdc
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
140 Gauss
-140 Gauss
SS51T
Unipolar - temperature
compensated
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
115 Gauss
20 Gauss
SS541AT
180 Gauss
75 Gauss
SS543AT
390 Gauss
235 Gauss
SS549AT
Bipolar latching- temperature
compensated
OPERATING POINT
RELEASE POINT
REFERENCE
(MAXIMUM)
(MINIMUM)
85 Gauss
-85 Gauss
SS561AT
180 Gauss
-180 Gauss
SS566AT
POSITION
SS94 Series
Ratiometric hall effect
linear position sensor
The SS9 utilizes a Hall effect integrated circuit chip
which provides increased temperature stability
and performance. Laser trimmed thick film
resistors on the ceramic substrate and thin film
resistors on the integrated circuit reduce null and
gain shifts over temperature which results in
consistent sensitivity from one device to the next.
Package style:
Ceramic
Supply voltage:
6.6 Vdc to 12.6 Vdc
Operating temperature:
-40 °C to 125 °C
-40 °F to 257 °F
Magnetic range:
-500 to 500 Gauss
SS94A1F
-100 to 100 Gauss
OPTIONS
Temperature compensated
MAIN FEATURE
REFERENCE
General purpose
SS94A1
High sensitivity (25 mV/Gauss output @ 8 Vdc supply) SS94A1F
Noise shielded
SS94A2
POSITION SENSORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com