Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 39 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 39 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 35Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
39
www.honeywell.com/sensing
COMBI-SENSOR
Combi-sensor
The Combi-sensor is a liquid pressure/temperature sensor that uses
piezoresistive and thermistor sensing technology to measure water
pressure and temperature. It is designed for use in boiler system water
pressure and inflow temperature measurement applications.
Pressure range:
0 bar to 3.0 bar relative
Accuracy:
±2 % over full range
Response time:
<3 s
Operating temperature:
5 °C to 110 °C [41 °F to 203 °F]
Overpressure:
5 bar for 1 hour
Burst pressure:
9 bar for 1 min
Power supply:
5 Vdc ±10 %
Voltage output:
0.5 Vdc to 4.5 Vdc ratiometric to Vs
Maximum current limit: 250 mA (not self-limiting) (for reverse polarity)
NTC (Negative Temperature Coefficient) characteristics:
10 kOhm
at 25 °C ±3 % beta(25/85) = 3998 K ±2 %
Connection:
Lumberg rast 2.5 edge connector ESL code 312-600
39,0
[1.54]
17,0
[0.67]
41,5
[1.66]
39,0 DIA.
[1.54]
DESCRIPTION
Combi-sensor
REFERENCE
FS300-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com