Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 26 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 26 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 28Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 29Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 30Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
26
www.honeywell.com/sensing
Air/Gas Temperature Sensor Probes
Air/Gas probes contain an exposed thermistor element because gas is
not as good a heat conductor or thermal sink as a liquid, and because
time response is normally an important consideration. The sensor
housing may be composed of plastic or other thermally conductive
materials to reduce conduction and heat from the gas circulating around
the thermistor. Multiple configurations allow easy mounting.
Operating temperature range:
-60 °C to 150 °C [-76 °F to 302 °F]
Encapsulation:
None, sensing element is exposed
Lead material:
Insulated lead wires and terminals when required,
other options available
Dissipation constant:
0.1 mW/°C to 3 mW/°C (design specific)
Time constant:
4 s to 150 s (application and design dependent)
Resistance range at 25 °C [77 °F]
Per customer requirements
Immersion Temperature Sensor Probes
Custom designed and application specific, immersion probes are
designed to be directly placed in the liquid medium to be measured. A
large variety of housing alloys are available. Multiple configurations allow
easy mounting.
Operating temperature range:
-60 °C to 300 °C [-76 °F to 572 °F]
Encapsulation:
NTC (Negative Temperature Coefficient) encapsulated in
housing appropriate to the application
Lead material:
Insulated lead wires and terminals when required,
other options available
Dissipation constant:
5 mW/°C to 10 mW/°C (varies with size
and housing style)
Time constant:
1 s to 12 s (design dependent)
Resistance range at 25 °C [77 °F]
Per customer requirements
TEMPERATURE - PROBES
NAME
Air/Gas Temperature Sensor Probe
NAME
Immersion Temperature Sensor Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com