Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 40 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 40 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 36Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 37Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 38Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 39Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 40Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 41Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 42Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 43Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 44Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
40
www.honeywell.com/sensing
THERMAL CUTOFFS
Thermal Cutoffs include products for use in a wide array of small
appliances, major appliances, office copy machines, automotive, and
HVAC equipment. These devices are available in various lead lengths and
configurations.
NOTE: The products in this section do not follow the “how to use this
catalogue” instructions provided in the catalogue introduction. Specific
reference numbers are not given due to their custom nature. Please
contact your local Honeywell sales office for ordering information.
Thermal Cutoffs
DXXX-002
35,05
[1.380]
46,74
[1.840]
81,79
[3.220]
3,99
[0.157]
TIN-PLATED
18 AWG 1,02 [0.040]
COPPER WIRE
SILVER-PLATED
18 AWG 1,02 [0.040]
COPPER WIRE
SILVER-PLATED
BRASS CASE
11,61 REF.
[0.457]
D Series
The D Series responds to temperature by interrupting an electrical circuit
when the operating and/or environmental temperature exceeds the
thermal rating of the fuse. This is accomplished when the organic pellet
experiences a phase change, allowing the spring activated contacts to
permanently open the circuit.
Operating temperature range:
72 °C to 240 °C [162 °F to 464 °F]
Environmental exposure range:
see notice
DXXX-001
11,61 REF.
[0.457]
SILVER-PLATED
BRASS CASE
29,21
[1.150 ]
35,05
[1.380 ]
64,26
[2.530]
3,99
[0.157]
TIN-PLATED
18 AWG 1,02 [0.040]
COPPER WIRE
SILVER-PLATED
18 AWG 1,02 [0.040]
COPPER WIRE
DXXX-003
69,09
[2.720]
35,05
[1.380]
34,04
[1.340]
11,61 REF.
[0.457]
3,99
[0.157]
SILVER-PLATED
18 AWG 1,02 [0.040]
COPPER WIRE
TIN-PLATED
18 AWG 1,02 [0.040]
COPPER WIRE
SILVER-PLATED
BRASS CASE
NOTICE
• To maximize product life, use a 30 °C [86 °F] min. differential
between the operating ambient temperature at the fuse location
and the specified functioning temperature of the fuse being used.
Maintain a 40 °C [104 °F] min. differential between devices with
functioning temperatures above 200 °C [392 °F].
• Under no condition should the thermal cutoff be exposed to a
continuous normal temperature rating in excess of 200 °C
[392 °F]. Only proper testing of the above will determine the
selected thermal cutoff’s suitability within the application.
NAME
DXXX-001
NAME
DXXX-002
NAME
DXXX-003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com