Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 49 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 49 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 45Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 46Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 47Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 48Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 49Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 50Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 51Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 52Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 53Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
49
www.honeywell.com/sensing
Reflective sensors
OPTIONS
Metal components
Converging/focused optical axis - HOA1180
Converging/focused optical axis - HOA2498
Operating temperature:
-55 °C to 100 °C (-67 °F to 212 °F)
Output:
Transistor
ON-STATE COLLECTOR CURRENT
REFERENCE
0.16 mA
HOA1180-002
0.16 mA
HOA2498-002
Plastic package
HLC1395 Series, short distance detection
HOA Series
Converging/focused optical axis - HOA0149
HOA1397
Converging/focused optical axis - HOA1405
Operating temperature:
-40 °C to 85 °C (-40 °F to 185 °F)
Output:
Transistor
ON-STATE COLLECTOR CURRENT
REFERENCE
0.60 mA
HLC1395-002
Low profile
1.00 mA
HOA0149-001
0.70 mA
HOA1397-002
0.80 mA
HOA1405-002
INFRARED
NOTICE
Housings are soluble in chlorinated hydrocarbons and
ketones. Recommended cleaning agents are methanol and
isopropanol.
INFRARED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com