Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PC Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 10Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 11Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 12Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 13Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 14Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 15Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 16Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 17Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
13
www.honeywell.com/sensing
Force sensors operate on the principle that the resistance of silicon implanted piezoresistors will increase when
the resistors flex under any applied force. The sensor concentrates force from the application, through the
stainless steel plunger, directly to the silicon sensing element. The amount of resistance changes in proportion
to the amount of force being applied. This change in circuit resistance results in a corresponding mV output
level.
FSG Series
Plunger actuator - Force range 1500 g
Supply voltage:
360 mV span @ 10 Vdc
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Sensitivity:
0.20 mV/g min., 0.24 mV/g typ., 0.28 mV/g max.
Overforce:
5500 g
REFERENCE
Non-compensated
FSG15N1A
FORCE
Force Sensors
FSL Series
Ball bearing actuator - Force range 500 g
Supply voltage:
60 mV span @ 5 Vdc
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Sensitivity:
0.10 mV/g min., 0.12 mV/g typ., 0.14 mV/g max.
Overforce:
4500 g
REFERENCE
Non-compensated
FSL05N2C
FORCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com