Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
46
March 06 , 2012
Rev. 1.50
47
March 06 , 2012
●
STATUS Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
TO
PDF
OV
Z
AC
C
R/W
—
—
R
R
R/W
R/W
R/W
R/W
POR
—
—
0
0
x
x
x
x
“X” unknown
Bit 7, 6
Unimplemented, read as “0”
Bit 5
TO: Watchdog Time-Out flag
0: After power up or executing the “CLR WDT” or “HALT” instruction
1: A watchdog time-out occurred.
Bit 4
PDF: Power down flag
0: After power up or executing the “CLR WDT” instruction
1: By executing the “HALT” instruction
Bit 3
OV: Overflow flag
0: no overflow
1: an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit or vice versa.
Bit 2
Z: Zero flag
0: The result of an arithmetic or logical operation is not zeroT
1: The result of an arithmetic or logical operation is zero
Bit 1
AC: Auxiliary flag
0: no auxiliary carry
1: an operation results in a carry out of the low nibbles in addition, or no borrow from
the high nibble into the low nibble in subtraction
Bit 0
C: Carry flag
0: no carry-out
1: an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation
C is also affected by a rotate through carry instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com