Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
26
March 06 , 2012
Rev. 1.50
27
March 06 , 2012
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Operating Clock
—
2.2~5.5V
DC
—
4
MHz
2.4~5.5V
DC
—
8
MHz
2.7~5.5V
DC
—
12
MHz
4.5~5.5V
DC
—
20
MHz
fSYS
System clock
(HXT)
—
2.2~5.5V
0.4
—
4
MHz
2.2~5.5V
0.4
—
8
MHz
2.7~5.5V
0.4
—
12
MHz
4.5~5.5V
0.4
—
20
MHz
fHIRC
System clock
(HIRC)
3V/5V
Ta=25°C
-2%
4
+2%
MHz
3V/5V
Ta=25°C
-2%
8
+2%
MHz
5V
Ta=25°C
-2%
12
+2%
MHz
3V/5V
Ta=0~70°C
-5%
4
+5%
MHz
3V/5V
Ta=0~70°C
-5%
8
+5%
MHz
5V
Ta=0~70°C
-5%
12
+5%
MHz
2.2V~3.6V Ta=0~70°C
-10%
4
+10%
MHz
3.0V~5.5V Ta=0~70°C
-10%
4
+10%
MHz
2.4V~3.6V Ta=0~70°C
-7%
8
+7%
MHz
3.0V~5.5V Ta=0~70°C
-7%
8
+7%
MHz
3.0V~5.5V Ta=0~70°C
-7%
12
+7%
MHz
2.2V~3.6V Ta=-40~85°C
-10%
4
+10%
MHz
3.0V~5.5V Ta=-40~85°C
-10%
4
+10%
MHz
2.4V~3.6V Ta=-40~85°C
-10%
8
+10%
MHz
3.0V~5.5V Ta=-40~85°C
-10%
8
+10%
MHz
3.0V~5.5V Ta=-40~85°C
-10%
12
+10%
MHz
fERC
System clock
(ERC)
5V
Ta = 25°C
External RERC = 150 kΩ
-2%
4
+2%
MHz
5V
Ta = 0~70°C
External RERC = 150 kΩ
-5%
4
+5%
MHz
5V
Ta = -40~85°C
External RERC = 150 kΩ
-7%
4
+7%
MHz
3.0V~5.5V Ta = -40~85°C
External RERC = 150 kΩ
-9%
4
+9%
MHz
2.2V~5.5V Ta = -40~85°C
External RERC = 150 kΩ
-12%
4
+12%
MHz
fSYS4
System Clock
(32768 Crystal)
—
—
—
32768
—
Hz
tRES
External reset
low pulse width
—
—
1
—
—
μs
tSST
System start-
up timer period
(wake-up from
HALT)
—
fSYS=XTAL or RTC OSC
—
1024
1025
tSYS
fSYS=ERC or HIRC OSC
—
15
17
fSYS=LIRC OSC
—
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com