Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 72Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 73Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 74Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 75Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 76Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
72
March 06 , 2012
Rev. 1.50
73
March 06 , 2012
● Low Voltage Reset — LVR
The contains a low voltage reset circuit in order to monitor the supply voltage of the device,
which is selected via a configuration option. If the supply voltage of the device drops to within a
range of 0.9V~VLVR such as might occur when changing the battery, the LVR will automatically
reset the device internally. The LVR includes the following specifications: For a valid LVR signal,
a low voltage, i.e., a voltage in the range between 0.9V~VLVR must exist for greater than the value
tLVR specified in the A.C. characteristics. If the low voltage state does not exceed tLVR, the LVR will
ignore it and will not perform a reset function. One of a range of specified voltage values for VLVR
can be selected using configuration options.
LV R
In te r nal R es et
t RS TD + t SST
Low Voltage Reset Timing Chart
Note: tRSTD is power-on delay, typical time=100ms
● Watchdog Time-out Reset during Normal Operation
The Watchdog time-out Reset during normal operation is the same as a hardware RES pin reset
except that the Watchdog time-out flag TO will be set to "1".
t RS TD + t SST
WD T Ti me - out
In te r nal R es et
WDT Time-out Reset during Normal Operation Timing Chart
Note: tRSTD is power-on delay, typical time=100ms
● Watchdog Time-out Reset during SLEEP or IDLE Mode
The Watchdog time-out Reset during SLEEP or IDLE Mode is a little different from other kinds
of reset. Most of the conditions remain unchanged except that the Program Counter and the Stack
Pointer will be cleared to "0" and the TO flag will be set to "1". Refer to the A.C. Characteristics
for tSST details.
t SST
WD T Ti me - out
In te r nal R es et
WDT Time-out Reset during SLEEP or IDLE Timing Chart
Note: The tSST is 15~16 clock cycles if the system clock source is provided by ERC or
HIRC. The tSST is 1024 clock for HXT or LXT. The tSST is 1~2 clock for LIRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com