Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
36
March 06 , 2012
Rev. 1.50
37
March 06 , 2012
*
*
*
Wr it er _V DD
RE S
DA TA
CL K
Wr it er _V SS
To o t her C ir cu it
DA TA
CL K
VS S
RE S
VD D
Wr it er C onnec to r
Si g nal s
MC U Pr og ra mm in g
Pi ns
Note: * may be resistor or capacitor. The resistance of * must be greater
than 1kΩ or the capacitance of * must be less than 1nF.
Programmer Pin
MCU Pins
RES
PB0
DATA
PA0
CLK
PA2
Programmer and MCU Pins
RAM Data Memory
The Data Memory is a volatile area of 8-bit wide RAM internal memory and is the location where
temporary information is stored. Divided into three sections, the first of these is an area of RAM
where special function registers are located. These registers have fixed locations and are necessary
for correct operation of the device.
Many of these registers can be read from and written to directly under program control, however,
some remain protected from user manipulation. The second area of Data Memory is reserved for
general purpose use. All locations within this area are read and write accessible under program control.
The third area is reserved for the LCD Memory. This special area of Data Memory is mapped directly
to the LCD display so data written into this memory area will directly affect the displayed data.
The addresses of the LCD Memory area overlap those in the General Purpose Data Memory area.
Switching between the different Data Memory banks is achieved by setting the Bank Pointer to the
correct value.
Structure
The Data Memory is subdivided into several banks, all of which are implemented in 8-bit wide
RAM. The Data Memory located in Bank 0 is subdivided into two sections, the Special Purpose
Data Memory and the General Purpose Data Memory.
The start address of the Data Memory for all devices is the address 00H. Registers which are
common to all microcontrollers, such as ACC, PCL, etc., have the same Data Memory address. The
LCD Memory is mapped into Bank 1. The Banks 2 to 5 contain only General Purpose Data Memory
for those devices with larger Data Memory capacities. As the Special Purpose Data Memory
registers are mapped into all bank areas, they can subsequently be accessed from any bank location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com