Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 242 page
background image
Rev. 1.50
28
March 06 , 2012
Rev. 1.50
29
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tINT
Interrupt pulse
width
—
—
1
—
—
tSYS
tLVR
Low Voltage
Width to Reset
—
—
120
240
480
μs
tLVD
Low Voltage
Width to
Interrupt
—
—
20
45
90
μs
tLVDS
LVDO stable
time
—
For all VLVD, LVR disable
15
—
—
μs
—
For VLVD disable, LVR
enable
25
—
—
μs
tBGS
VBG turn on
stable time
—
—
10
—
—
ms
tAD
A/D Clock
Period
2.7~5.5V
—
0.5
—
100
μs
tADC
AD Conversion
Time(note2)
2.7~5.5V 12 bit ADC
—
16
—
tAD
tON2ST
(#)
ADC on to ADC
start
2.7~5.5V
—
2
—
—
μs
tEERD
EEPROM Read
Time
—
—
1
2
4
tSYS
tEEWR
EEPROM Write
Timet
—
—
1
2
4
ms
ADC Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
AVDD
ADC Operating Voltage
—
—
2.7
—
5.5
V
VADI
AD Input Voltage
—
—
0
—
VREF
V
VREF
ADC Reference Voltage
—
—
2
—
AVDD
V
DNL
Differential Non-linearity
5V tAD= 1.0μs
—
1
2
LSB
INL
Integral Non-linearity
5V tAD= 1.0μs
—
2
4
LSB
IADC
Additional Power
Consumption if
A/D Converter is Used
3V No load, tAD= 0.5μs
—
0.90
1.35
mA
5V No load, tAD= 0.5μs
—
1.20
1.80
mA
tADCK
A/D Clock Period
—
—
0.5
—
10
μs
tADC
A/D Conversion Time
(Include
A/D Sample and Hold Time)
— 12-bit ADC
—
16
—
tADCK
tSH
A/D Sampling Time
—
—
—
4
—
tADCK
Note: 1. tSYS=1/fSYS
2. * For fERC, as the resistor tolerance will influence the frequency a precision resistor is recommended.
3. To maintain the accuracy of the internal HIRC oscillator frequency, a 0.1μF decoupling capacitor should be
connected between VDD and VSS and located as close to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com