Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 3Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 4Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
6
March 06 , 2012
Rev. 1.50
7
March 06 , 2012
Features
CPU Features
● Operating Voltage:
fSYS= 4MHz: 2.2V~5.5V
fSYS= 8MHz: 2.4V~5.5V
fSYS= 12MHz: 2.7V~5.5V
fSYS= 20MHz: 4.5V~5.5V
● Up to 0.2us instruction cycle with 20MHz system clock at VDD=5V
● Power down and wake-up functions to reduce power consumption
● Six oscillators:
External Crystal - HXT
External 32.768kHz Crystal - LXT
External RC - ERC
External Clock - EC
Internal RC - HIRC
Internal 32kHz RC - LIRC
● Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
● Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
● All instructions executed in one or two instruction cycles
● Table read instructions
● 63 powerful instructions
● Up to 12-level subroutine nesting
● Bit manipulation instruction
Peripheral Features
● Flash Program Memory: 2Kx15 ~ 12Kx16
● RAM Data Memory: 128x8 ~ 640x8
● EEPROM Memory: 64x8 ~ 256x8
● Watchdog Timer function
● Up to 64 bidirectional I/O lines
● LCD driver function
● Multiple pin-shared external interrupts
● Multiple Timer Module for time measure, input capture, compare match output, PWM output or
single pulse output function
● Serial Interfaces Module with Dual SPI and I2C interfaces
● Single Serial SPI Interface
● Dual Comparator functions
● Dual Time-Base functions for generation of fixed time interrupt signals
● Multi-channel 12-bit resolution A/D converter
● Low voltage reset function
● Low voltage detect function
● Wide range of available package types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com