Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F60 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
28
March 06 , 2012
Rev. 1.50
29
March 06 , 2012
Comparator Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCMP
Comparator Operating
Voltage
—
—
2.2
—
5.5
V
ICMP
Comparator Operating
Current
3V
—
—
37
56
A
5V
—
—
130
200
A
VCMPOS
Comparator Input Offset
Voltage
—
—
10
—
10
mV
VHYS
Hysteresis Width
—
—
20
40
60
mV
VCM
Comparator Common
Mode Voltage Range
—
—
VSS
—
VDD-1.4V
V
AOL
Comparator Open Loop
Gain
—
—
60
80
—
dB
tPD
Comparator Response
Time
— With 100mV overdrive
(Note)
—
200
400
Ns
Note: Measured with comparator one input pin at VCM = (VDD -1.4)/2 while the other pin input transition from VSS
to (VCM +100mV) or from VDD to (VCM -100mV).
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to
Ensure Power-on Reset
—
—
—
—
100
mV
RRVDD
VDD Raising Rate to
Ensure Power-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minimum Time for VDD
Stays at VPOR to Ensure
Power-on Reset
—
—
1
—
—
Ms
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com