Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 3 Page - Infineon Technologies AG

  2PCS02 Datasheet HTML 1Page - Infineon Technologies AG 2PCS02 Datasheet HTML 2Page - Infineon Technologies AG 2PCS02 Datasheet HTML 3Page - Infineon Technologies AG 2PCS02 Datasheet HTML 4Page - Infineon Technologies AG 2PCS02 Datasheet HTML 5Page - Infineon Technologies AG 2PCS02 Datasheet HTML 6Page - Infineon Technologies AG 2PCS02 Datasheet HTML 7Page - Infineon Technologies AG 2PCS02 Datasheet HTML 8Page - Infineon Technologies AG 2PCS02 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CCM-PFC
ICE2PCS02
ICE2PCS02G
Version 2.4
3
22 Mar 2010
Type
Package
ICE2PCS02
PG-DIP-8
ICE2PCS02
PG-DSO-8
Standalone Power Factor Correction (PFC)
Controller in Continuous Conduction Mode
(CCM) with Input Brown-Out Protection
ICE2PCS02
PG-DIP-8
ICE2PCS02G
PG-DSO-8
Product Highlights
•
Leadfree DIP and DSO Package
•
Wide Input Range
•
Direct sensing, Input Brown-Out Detection
•
Optimized for applications which require fast Startup
•
Output Power Controllable by External Sense Resistor
•
Fast Output Dynamic Response during Load Jumps
•
Trimmed, internal fixed Switching Frequency (65kHz)
Features
•
Ease of Use with Few External Components
•
Supports Wide Input Range
•
Average Current Control
•
External Current and Voltage Loop Compensation
for Greater User Flexibility
•
Trimmed internal fixed Switching Frequency
(65kHz+5% at 25
oC)
•
Direct sensing, Input Brown-Out Detection
with Hysteresis
•
Short Startup(SoftStart) duration
•
Max Duty Cycle of 95% (at 25
oC)
•
Trimmed Internal Reference Voltage (3V+2% at
25
oC)
•
VCC Under-Voltage Lockout
•
Cycle by Cycle Peak Current Limiting
•
Output Over-Voltage Protection
•
Open Loop Detection
•
Soft Overcurrent Protection
•
Enhanced Dynamic Response
•
Fulfills Class D Requirements of IEC 1000-3-2
Description
The ICE2PCS02/G is a 8-pin wide input range controller
IC for active power factor correction converters. It is de-
signed for converters in boost topology, and requires few
external components. Its power supply is recommended
to be provided by an external auxiliary supply which will
switch on and off the IC.
The IC operates in the CCM with average current control,
and in DCM only under light load condition. The switching
frequency is trimmed and fixed internally at 65kHz. Both
current and voltage loop compensations are done exter-
nally to allow full user control.
There are various protection features incorporated to en-
sure safe system operation conditions. The internal refer-
ence is trimmed (3V+2%) to ensure precise protection and
output control level.
85 ... 265 V A C
E M I-Filter
V oltage Loop
C om pensation
Protection U nit
Fixed
O scillator
C urrent Loop
C om pensation
P W M Logic
D river
IC E 2P C S 02 /G
C C M PF C
V C C
Auxiliary S upply
V
O U T
T yp ical A pp lication
R am p
G enerator
IC O M P
V S E N S E
V C O M P
IS E N S E
G N D
N onlinear
G ain
G A TE
V IN S
B row n-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com