Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 2PCS02 Datasheet HTML 7Page - Infineon Technologies AG 2PCS02 Datasheet HTML 8Page - Infineon Technologies AG 2PCS02 Datasheet HTML 9Page - Infineon Technologies AG 2PCS02 Datasheet HTML 10Page - Infineon Technologies AG 2PCS02 Datasheet HTML 11Page - Infineon Technologies AG 2PCS02 Datasheet HTML 12Page - Infineon Technologies AG 2PCS02 Datasheet HTML 13Page - Infineon Technologies AG 2PCS02 Datasheet HTML 14Page - Infineon Technologies AG 2PCS02 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Functional Description
Version 2.4
11
22 Mar 2010
voltage at pin VCOMP. This block has been designed
to support the wide input voltage range (85-265VAC).
3.7
PWM Logic
The PWM logic block prioritizes the control input
signals and generates the final logic signal to turn on
the driver stage. The speed of the logic gates in this
block, together with the width of the reset pulse T
OFFMIN,
are designed to meet a maximum duty cycle D
MAX of
95% at the GATE output.
In case of high input currents which result in Peak
Current Limitation, the GATE will be turned off
immediately and maintained in off state for the current
PWM cycle. The signal Toffmin resets (highest priority,
overriding other input signals) both the current limit
latch and the PWM on latch as illustrated in Figure 13.
Figure 13
PWM Logic
3.8
Voltage Loop
The voltage loop is the outer loop of the cascaded
control scheme which controls the PFC output bus
voltage V
OUT. This loop is closed by the feedback
sensing voltage at VSENSE which is a resistive divider
tapping from V
OUT. The pin VSENSE is the input of
OTA1 which has an accurate internal reference of 3V
(±2%). Figure 14 shows the important blocks of this
voltage loop.
3.8.1
Voltage Loop Compensation
The compensation of the voltage loop is installed at the
VCOMP pin (see Figure 14). This is the output of OTA1
and the compensation must be connected at this pin to
ground. The compensation is also responsible for the
soft start function which controls an increasing AC input
current during start-up.
Figure 14
Voltage Loop
3.8.2
Enhanced Dynamic Response
Due to the low frequency bandwidth of the voltage loop,
the dynamic response is slow and in the range of about
several 10ms. This may cause additional stress to the
bus capacitor and the switching transistor of the PFC in
the event of heavy load changes.
The IC provides therefore a “window detector” for the
feedback
voltage
V
VSENSE
at
pin
6
(VSENSE).
Whenever V
VSENSE exceeds the reference value (3V)
by +5%, it will act on the nonlinear gain block which in
turn affect the gate drive duty cycle directly. This
change in duty cycle is bypassing the slow changing
VCOMP voltage, thus results in a fast dynamic
response of V
OUT.
3.9
Output Gate Driver
The output gate driver is a fast totem pole gate drive. It
has an in-built cross conduction currents protection and
a Zener diode Z1 (see Figure 15) to protect the external
transistor switch against undesirable over voltages.
The maximum voltage at pin 8 (GATE) is typically
clamped at 15V.
G1
R
S
L1
R
S
L2
Peak Current
Limit
Current Loop
PWM on signal
Toffmin
385ns
Current
Limit Latch
PWM on
Latch
HIGH =
turn GATE on
Q
Q
VCOMP
VSENSE
C5
C4
R6
OTA1
3V
V
IN
Av(I
IN)
Nonlinear
Gain
t
ICE2PCS02/G
Vout
L1
C2
R3
R4
Gate Driver
Current Loop
+
PWM Generation
D1
From
Full-wave
Retifier
GATE
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com