Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 2PCS02 Datasheet HTML 5Page - Infineon Technologies AG 2PCS02 Datasheet HTML 6Page - Infineon Technologies AG 2PCS02 Datasheet HTML 7Page - Infineon Technologies AG 2PCS02 Datasheet HTML 8Page - Infineon Technologies AG 2PCS02 Datasheet HTML 9Page - Infineon Technologies AG 2PCS02 Datasheet HTML 10Page - Infineon Technologies AG 2PCS02 Datasheet HTML 11Page - Infineon Technologies AG 2PCS02 Datasheet HTML 12Page - Infineon Technologies AG 2PCS02 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Functional Description
Version 2.4
9
22 Mar 2010
3.4.2
Soft Over Current Control (SOC)
The IC is designed not to support any output power
that corresponds to a voltage lower than -0.75V at the
ISENSE pin. A further increase in the inductor current,
which results in a lower ISENSE voltage, will activate
the Soft Over Current Control (SOC). This is a soft
control as it does not directly switch off the gate drive.
It acts on the nonlinear gain block to result in a reduced
PWM duty cycle.
Figure 8
SOC and PCL Protection as function of
V
ISENSE
The rated output power with a minimum V
IN (VINMIN) is
Due to the internal parameter tolerance, the maximum
power with V
INMIN is
3.4.3
Peak Current Limit (PCL)
The IC provides a cycle by cycle peak current limitation
(PCL). It is active when the voltage at pin 3 (ISENSE)
reaches -1.04V. This voltage is amplified by OP1 by a
factor of -1.43 and connected to comparator C2 with a
reference voltage of 1.5V as shown in Figure 9. A
deglitcher with 300ns after the comparator improves
noise immunity to the activation of this protection.
Figure 9
Peak Current Limit (PCL)
3.4.4
Open Loop Protection (OLP)
Whenever VSENSE voltage falls below 0.6V, or
equivalently V
OUT falls below 20% of its rated value, it
indicates an open loop condition (i.e. VSENSE pin not
connected) or an insufficient input voltage V
IN
for
normal operation. In this case, most of the blocks within
the IC will be shutdown. It is implemented using
comparator C3 with a threshold of 0.6V as shown in the
IC block diagram in Figure 2.
3.4.5
Over-Voltage Protection (OVP)
Whenever V
OUT exceeds the rated value by 5%, the
over-voltage protection OVP is active as shown in
Figure 6. This is implemented by sensing the voltage at
pin VSENSE with respect to a reference voltage of
3.15V. A VSENSE voltage higher than 3.15V will
immediately reduce the output duty cycle, bypassing
the normal voltage loop control. This results in a lower
input power to reduce the output voltage V
OUT. A
VSENSE voltage higher than 3.25V will immediately
turn off the gate, thereby preventing damage to bus
capacitor.
3.5
Fixed Switching Frequency
ICE2PCS02/G
has
an
internally
fixed
switching
frequency as opposed to the ICE2PCS01/G which can
be externally set. This frequency is trimmed to 65kHz
with an accuracy ±5% at 25
oC.
V
ISENSE
-0.61V -0.75V
-1.04V
Normal
Operation
SOC
PCL
P
OUT(rated)
IC’s
State
0
P
OUT(max)
P
OUT r a t e d
(
)
V
IN MIN
0.61
R1
2
×
-------------------
´
=
P
OUT m a x
(
)
V
INMIN
0.75
R1
2
×
-------------------
´
=
ISENSE
ICE2PCS02/G
R1
R2
I
INDUCTOR
OP1
1.43x
Current Limit
300ns
C2
Deglitcher
Turn Off
Driver
1.5V
Full-wave
Rectifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com