Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 2PCS02 Datasheet HTML 12Page - Infineon Technologies AG 2PCS02 Datasheet HTML 13Page - Infineon Technologies AG 2PCS02 Datasheet HTML 14Page - Infineon Technologies AG 2PCS02 Datasheet HTML 15Page - Infineon Technologies AG 2PCS02 Datasheet HTML 16Page - Infineon Technologies AG 2PCS02 Datasheet HTML 17Page - Infineon Technologies AG 2PCS02 Datasheet HTML 18Page - Infineon Technologies AG 2PCS02 Datasheet HTML 19Page - Infineon Technologies AG 2PCS02 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Electrical Characteristics
Version 2.4
17
22 Mar 2010
4.3.6
Driver Section
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
GATE Low Voltage
VGATEL
-
-
1.2
V
V
CC =10V
I
GATE = 5 mA
-
1.5
V
V
CC =10V
I
GATE =20 mA
-
0.4
-
V
I
GATE = 0 A
-
-
1.0
V
I
GATE = 20 mA
-0.2
0
-
V
I
GATE = -20 mA
GATE High Voltage
VGATEH
-
14.8
-
V
V
CC = 25V
C
L = 4.7nF
-
14.8
-
V
V
CC = 19V
C
L = 4.7nF
7.8
9.2
-
V
V
CC = VVCCoff + 0.2V
C
L = 4.7nF
GATE Rise Time
t
r
-
60
-
ns
V
Gate = 2V ...12V
C
L = 4.7nF
GATE Fall Time
t
f
-
50
-
ns
V
Gate = 12V ...2V
C
L = 4.7nF
GATE Current, Peak,
Rising Edge
I
GATE
-1.5
-
-
A
C
L = 4.7nF
1)
1)
Design characteristics (not meant for production testing)
GATE Current, Peak,
Falling Edge
I
GATE
-
-
2.0
A
C
L = 4.7nF
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com