Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 2PCS02 Datasheet HTML 4Page - Infineon Technologies AG 2PCS02 Datasheet HTML 5Page - Infineon Technologies AG 2PCS02 Datasheet HTML 6Page - Infineon Technologies AG 2PCS02 Datasheet HTML 7Page - Infineon Technologies AG 2PCS02 Datasheet HTML 8Page - Infineon Technologies AG 2PCS02 Datasheet HTML 9Page - Infineon Technologies AG 2PCS02 Datasheet HTML 10Page - Infineon Technologies AG 2PCS02 Datasheet HTML 11Page - Infineon Technologies AG 2PCS02 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Functional Description
Version 2.4
8
22 Mar 2010
.
Figure 5
Startup with controlled maximum current
3.4
System Protection
The IC provides several protection features in order to
ensure the PFC system in safe operating range:
•
VCC Undervoltage Lockout (UVLO)
•
Input Brown-out Detection (IBOP)
•
Soft Over Current Control (SOC)
•
Peak Current Limit (PCL)
•
Open-Loop Detection (OLP)
•
Output Over-Voltage Protection (OVP)
After the system is supplied with the correct level of
VCC and V
IN, the system will enter into its normal mode
of operation. Figure 6 shows situation when these
protections features are active, as a function of the
output voltage V
OUT.
An activation of the UVLO, IBOP and OLP results in the
internal fault signal going high and brings the IC into the
standby mode.
As the function of UVLO has already described in the
earlier “Power Supply” section, the following sections
continue
to
describe
the
functionality
of
these
protection features.
Figure 6
Protection Features
3.4.1
Input Brown-Out Protection (IBOP)
Brown-out occurs when the input voltage V
IN falls below
the minimum input voltage of the design (i.e. 85V for
universal input voltage range) and the VCC has not
entered into the V
CCUVLO level yet. For a system without
IBOP, the boost converter will increasingly draw a
higher current from the mains at a given output power
which may exceed the maximum design values of the
input current.
ICE2PCS02/G provides a new IBOP feature whereby it
senses directly the input voltage for Input Brown-Out
condition
via
an
external
resistor/capacitor/diode
network as shown in Figure 7. This network provides a
filtered value of V
IN which turns the IC on when the
voltage at pin 4 (VINS) is more than 1.5V. The IC enters
into the standby mode when VINS goes below 0.71V.
The hysteresis prevents the system to oscillate
between normal and standby mode. Note also that V
IN
needs to at least 20% of the rated V
OUT in order to
overcome OLP and powerup the system.
Figure 7
Input Brown-Out Protection (IBOP)
av(I
IN)
V
OUT
t
V
OUT =rated
95%rated
Window Detect
Normal Control
t
Max Vcomp current
83%rated
VCOMP
Level-shifted VCOMP
t
V
OUT
PCL / SOC
20%
100%
OLP
OLP
108%
OVP
V
OUT,Rated
UVLO / IBOP
Supply
related
Current
related
Output
related
ICE2PCS02/G
85 ... 265 VAC
Vin
C1
D2 ... D5
VINS
C4
C5
R
S
1.5V
0.71V
Brown-Out Detection
R8
R9
C6
D7
brown-out
3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com