Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 2PCS02 Datasheet HTML 6Page - Infineon Technologies AG 2PCS02 Datasheet HTML 7Page - Infineon Technologies AG 2PCS02 Datasheet HTML 8Page - Infineon Technologies AG 2PCS02 Datasheet HTML 9Page - Infineon Technologies AG 2PCS02 Datasheet HTML 10Page - Infineon Technologies AG 2PCS02 Datasheet HTML 11Page - Infineon Technologies AG 2PCS02 Datasheet HTML 12Page - Infineon Technologies AG 2PCS02 Datasheet HTML 13Page - Infineon Technologies AG 2PCS02 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Functional Description
Version 2.4
10
22 Mar 2010
3.6
Average Current Control
3.6.1
Complete Current Loop
The complete system current loop is shown in Figure
10.
Figure 10
Complete System Current Loop
It consists of the current loop block which averages the
voltage at pin ISENSE, resulted from the inductor
current flowing across R1. The averaged waveform is
compared with an internal ramp in the ramp generator
and PWM block. Once the ramp crosses the average
waveform, the comparator C1 turns on the driver stage
through the PWM logic block. The Nonlinear Gain block
defines the amplitude of the inductor current. The
following sections describe the functionality of each
individual blocks.
3.6.2
Current Loop Compensation
The compensation of the current loop is done at the
ICOMP pin. This is the OTA2 output and a capacitor C3
has to be installed at this node to ground (see Figure
10). Under normal mode of operation, this pin gives a
voltage which is proportional to the averaged inductor
current. This pin is internally shorted to 4.2V in the
event of standby mode.
3.6.3
Pulse Width Modulation (PWM)
The IC employs an average current control scheme in
continuous conduction mode (CCM) to achieve the
power factor correction.
Assuming the voltage loop is working and output
voltage is kept constant, the off duty cycle D
OFF for a
CCM PFC system is given as
From the above equation, D
OFF is proportional to VIN.
The objective of the current loop is to regulate the
average inductor current such that it is proportional to
the off duty cycle D
OFF, and thus to the input voltage
V
IN.
Figure 11 shows the scheme to achieve the
objective.
Figure 11
Average Current Control in CCM
The PWM is performed by the intersection of a ramp
signal with the averaged inductor current at pin 5
(ICOMP). The PWM cycle starts with the Gate turn off
for a duration of T
OFFMIN (400ns typ.) and the ramp is
kept discharged. The ramp is then allowed to rise after
T
OFFMIN expires. The off time of the boost transistor
ends at the intersection of the ramp signal and the
averaged current waveform. This results in the
proportional relationship between the average current
and the off duty cycle D
OFF.
Figure 12 shows the timing diagrams of T
OFFMIN and the
PWM waveforms.
Figure 12
Ramp and PWM waveforms
3.6.4
Nonlinear Gain Block
The nonlinear gain block controls the amplitude of the
regulated inductor current. The input of this block is the
R
S
ICE2PCS02/G
Vout
L1
C2
R3
R4
Gate
Driver
D1
From
Full-wave
Retifier
GATE
R1
R2
OTA2
ICOMP
4.2V
Current Loop
Compensation
Current Loop
Nonlinear
Gain
1.0mS
+/-50uA (linear range)
C3
S2
Fault
ISENSE
C1
PWM
Comparator
PWM Logic
Q
Input From
Voltage Loop
voltage
proportional to
averaged
Inductor current
R7
D
O FF
V
I N
V
OUT
--------------
=
t
ave(I
IN) at ICOMP
ramp profile
GATE
drive
T
OFFMIN
400ns
V
CREF
(1)
V
RAMP
PWM
ramp
released
PWM cycle
(1) V
CREF is a function of VICOMP
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com