Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PCS02 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 5 Page - Infineon Technologies AG

  2PCS02 Datasheet HTML 1Page - Infineon Technologies AG 2PCS02 Datasheet HTML 2Page - Infineon Technologies AG 2PCS02 Datasheet HTML 3Page - Infineon Technologies AG 2PCS02 Datasheet HTML 4Page - Infineon Technologies AG 2PCS02 Datasheet HTML 5Page - Infineon Technologies AG 2PCS02 Datasheet HTML 6Page - Infineon Technologies AG 2PCS02 Datasheet HTML 7Page - Infineon Technologies AG 2PCS02 Datasheet HTML 8Page - Infineon Technologies AG 2PCS02 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 2.4
5
22 Mar 2010
CCM-PFC
ICE2PCS02/G
Pin Configuration and Functionality
1
Pin Configuration and Functionality
1.1
Pin Configuration
Figure 1
Pin Configuration (top view)
1.2
Pin Functionality
GND (Ground)
The ground potential of the IC.
ICOMP (Current Loop Compensation)
Low pass filter and compensation of the current control
loop. The capacitor which is connected at this pin
integrates the output current of OTA2 and averages the
current sense signal.
ISENSE (Current Sense Input)
The ISENSE Pin senses the voltage drop at the
external sense resistor (R1). This is the input signal for
the average current regulation in the current loop. It is
also fed to the peak current limitation block.
During power up time, high inrush currents cause high
negative voltage drop at R1, driving currents out of pin
3 which could be beyond the absolute maximum
ratings. Therefore a series resistor (R2) of around
220
W is recommended in order to limit this current into
the IC.
VINS (Brown-out Sense Input)
This VINS pin senses a filtered input voltage divider
and detects for the input voltage Brown-out condition.
A Brown-out condition of VINS<0.71V, shuts down the
IC. The IC turns on at VINS>1.5V.
VSENSE (Voltage Sense/Feedback)
The output bus voltage is sensed at this pin via a
resistive divider. The reference voltage for this pin is
3V.
VCOMP (Voltage Loop Compensation)
This pin provides the compensation of the output
voltage loop with a compensation network to ground
(see Figure 2).
VCC (Power Supply)
The VCC pin is the positive supply of the IC and should
be connected to an external auxiliary supply. The
operating range is between 11V and 26V. The turn-on
threshold is at 11.8V and under voltage occurs at 11V.
There is no internal clamp for a limitation of the power
supply.
GATE
The GATE pin is the output of the internal driver stage,
which has a capability of 1.5A instantaneous source
and 2.0A instantaneous sink current.
Its gate drive voltage is internally clamped at 15.0V
(typically).
Pin
Symbol
Function
1
GND
IC Ground
2
ICOMP
Current Loop Compensation
3
ISENSE
Current Sense Input
4
VINS
Brown-out Sense Input
5
VCOMP
Voltage Loop Compensation
6
VSENSE V
OUT Sense (Feedback) Input
7
VCC
IC Supply Voltage
8
GATE
Gate Drive Output
Package PG-DIP-8 / PG-DSO-8
1
6
7
8
4
3
2
5
GATE
GND
ICOMP
ISENSE
VCC
VSENSE
VINS
VCOMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com