Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 3Page - Semtech Corporation SC508A Datasheet HTML 4Page - Semtech Corporation SC508A Datasheet HTML 5Page - Semtech Corporation SC508A Datasheet HTML 6Page - Semtech Corporation SC508A Datasheet HTML 7Page - Semtech Corporation SC508A Datasheet HTML 8Page - Semtech Corporation SC508A Datasheet HTML 9Page - Semtech Corporation SC508A Datasheet HTML 10Page - Semtech Corporation SC508A Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SC508/SC508A
7
Typical Characteristics (continued)
Efficiency vs Load — PSAVE Mode
15V
28V
42V
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
IOUT (ADC)
Efficiency vs Load — Forced Continuous Mode
15V
28V
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
IOUT (ADC)
42V
Efficiency vs Load — Ultrasonic PSAVE Mode
15V
28V
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
IOUT (ADC)
42V
Efficiency vs Load — 5V output
15V
28V
20
30
40
50
60
70
80
90
100
IOUT (ADC)
42V
0
1
2
3
4
5
6
Inductor: Cyntec PCMB104E-4R7MS
High side MOSFET: Alpha Omega AO4440
Low side MOSFET: Fairchild FMDS5352
Efficiency vs Load — 12V output
28V
20
30
40
50
60
70
80
90
100
IOUT (ADC)
42V
0
1
2
3
4
5
6
Inductor: Cyntec PCMB104E-4R7MS
Low side MOSFET: Fairchild FMDS5352
High side MOSFET: Fairchild FMDS5352
Load Regulation
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0
1
2
3
4
5
6
7
8
IOUT (ADC)
15 VIN
FCM
42 VIN
PSAVE
28 VIN
UPSAVE
V
OUT 5V, Internal 5V bias, Power-save, 250kHz Frequency
V
OUT 12V, External 5V bias, Power-save, 400kHz Frequency
V
OUT 1.8V, External 5V bias, 220kHz Frequency
V
OUT 1.8V, External 5V bias, 220kHz Frequency
V
OUT 1.8V, External 5V bias, 220kHz Frequency
V
OUT 1.8V, External 5V bias, 220kHz Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com