Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 7Page - Semtech Corporation SC508A Datasheet HTML 8Page - Semtech Corporation SC508A Datasheet HTML 9Page - Semtech Corporation SC508A Datasheet HTML 10Page - Semtech Corporation SC508A Datasheet HTML 11Page - Semtech Corporation SC508A Datasheet HTML 12Page - Semtech Corporation SC508A Datasheet HTML 13Page - Semtech Corporation SC508A Datasheet HTML 14Page - Semtech Corporation SC508A Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SC508/SC508A
11
Pin Descriptions
Pin #
Pin Name
Pin Function
1
FB
Feedback input for switching regulator — connect to an external resistor divider from output — used to pro-
gram the output voltage.
2
VOUT
Switcher output voltage sense pin — also the input to the internal switch-over MOSFET between VOUT and
VLDO. The voltage at this pin must not exceed the VDDA pin. For output voltages up to 5V connect this pin
directly to the switcher output. For output voltages exceeding 5V connect this pin to the switcher output
through a resistor divider.
3
VDDA
Supply input for internal analog circuits — connect to external 5V supply or connect to VLDO — also the
sense input for VDDA Under Voltage Lockout (VDDA UVLO).
4
VLDO
Output of the 5V LDO — The voltage at this pin must not exceed the voltage at the VDDA pin.
5
VIN
Input supply voltage — connect to the same supply used for the high-side MOSFET. Connect a 100nF capaci-
tor from this pin to AGND to filter high frequency noise.
6
SS
Soft-Start — connect tan external capacitor to AGND to program the soft start and automatic recovery time.
7
NC
No Connection
8
BST
Bootstrap pin — connect a 100nF minimum capacitor and series resistor from BST to LX to develop the float-
ing voltage for the high-side gate drive. A 3.3 ohm resistor is recommended.
9
DH
High-side gate drive output
10
LX
Switching (phase) node
11
PGND
Power ground for the DL and DH drivers and the low-side external MOSFET.
12
DL
Low-side gate drive output
13
VDDP
5V supply input for the DH and DL gate drives — connect to the same 5V supply used for VDDA.
14
PSV
Power-save programming input — connect a resistor to AGND to set a minimum (ultrasonic) power-save fre-
quency — float pin to select power-save with no minimum frequency — pull up to VDDA to disable power-
save and select forced continuous mode.
15
PGOOD
Open-drain Power Good indicator — high impedance indicates the switching regulator output is good. An
external pull-up resistor is required.
16
ILIM
Current limit sense pin — used to program the current limit by connecting a resistor from ILIM to LX.
17
EN
Enable input for switching regulator — logic low disables the switching regulator — logic high enables the
switching regulator.
18
AGND
Analog ground
19
TON
ON time programming input — set the on-time by connecting through a resistor to AGND.
20
ENL
Enable input for the LDO and VIN UVLO input for the switching regulator — connect ENL to AGND to disable
the LDO — drive to logic high (>1.7V) to enable the LDO and inhibit V
IN UVLO — connect to resistor divider
from VIN to AGND to program the V
IN UVLO threshold.
PAD
AGND
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com