Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 17Page - Semtech Corporation SC508A Datasheet HTML 18Page - Semtech Corporation SC508A Datasheet HTML 19Page - Semtech Corporation SC508A Datasheet HTML 20Page - Semtech Corporation SC508A Datasheet HTML 21Page - Semtech Corporation SC508A Datasheet HTML 22Page - Semtech Corporation SC508A Datasheet HTML 23Page - Semtech Corporation SC508A Datasheet HTML 24Page - Semtech Corporation SC508A Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SC508/SC508A
21
Applications Information (continued)
80mA. When V
LDO reaches 4.5V, the LDO current limit
increases to 200mA and the LDO output rises quickly to
5.0V. The LDO start-up profile is shown in Figure 14.
5V
4.5V
20mA constant current
voltage regulating with
200mA current limit
1.0V
VLDO
increasing current
Figure 14 — LDO Start-Up
LDO Switch-Over Operation
The SC508 includes a switch-over function for the LDO.
The switch-over function is designed to increase efficiency
by using the more efficient DC-DC converter to power the
IC, avoiding the less efficient LDO regulator when possible.
The switch-over function connects the VLDO pin directly
to the VOUT pin through an internal switch. When the
switch-over is complete the LDO is turned off, which
reduces operating power loss. If the LDO output is used to
bias the SC508, then after switch-over the device is self-
powered from the switching regulator with the LDO
turned off.
After the switcher completes soft-start and the PGOOD
delay, the switch-over logic waits for 32 switching cycles
before it starts the switch-over. There are two methods of
completing the switch-over of V
LDO to VOUT.
In the first method, the LDO is already in regulation when
the DC-DC converter is enabled. As soon as the PGOOD
output goes high, the 32 cycle count is started. The volt-
ages at the VLDO and VOUT pins are then compared; if the
two voltages are within ±300mV of each other, the VLDO
pin connects to the VOUT pin using an internal switch,
and the LDO is turned off.
In the second method, the DC-DC converter is already
running and the LDO is enabled. In this case the 32 cycle
count is started as soon as the LDO reaches 90% of its final
value. At this time, the VLDO and VOUT pins are compared,
and if within ±300mV the switch-over occurs and the LDO
is turned off.
Switch-over MOSFET Parasitic Diodes
The switch-over MOSFET contains parasitic diodes that
are inherent to its construction, as shown in Figure 15.
Switchover
MOSFET
Parasitic diode
Parasitic diode
VDDA
VLDO
VOUT
Switchover
control
Figure 15— Switch-over MOSFET Parasitic Diodes
It is important to prevent forward bias of these diodes.
The following two conditions must be satisfied in order for
the parasitic diodes to stay off.
VDDA > V
LDO
VDDA > V
OUT
If either V
LDO or VOUT is higher than VDDA, the respective
diode will turn on and the SC508 operating current will
then flow through this diode. This has the potential of
damaging the device.
Using the Internal LDO to Bias the SC508
The following steps must be followed when using the
internal LDO to bias the device.
Connect VDDA and VDDP to VLDO before
enabling the LDO.
During the initial start-up the LDO, when the
LDO output is less than 1V, the external load
should not exceed 10mA. Above 1V, any exter-
nal load on VLDO should not exceed 40mA until
the LDO voltage has reached 4.5V.
When the switch-over feature is used and the VDDA/VDDP
power comes from the VOUT pin, the EN and ENL inputs
must be used carefully. Do not connect the EN pin directly
to VDDA or another supply voltage. If this is done, driving
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com