Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 12Page - Semtech Corporation SC508A Datasheet HTML 13Page - Semtech Corporation SC508A Datasheet HTML 14Page - Semtech Corporation SC508A Datasheet HTML 15Page - Semtech Corporation SC508A Datasheet HTML 16Page - Semtech Corporation SC508A Datasheet HTML 17Page - Semtech Corporation SC508A Datasheet HTML 18Page - Semtech Corporation SC508A Datasheet HTML 19Page - Semtech Corporation SC508A Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SC508/SC508A
16
Because the period between on-times is limited to a
maximum value, a minimum operating frequency is main-
tained. Figure 6 shows ultrasonic power-save operation.
FB Ripple
Voltage (VFB)
FB threshold
Inductor
Current
DH
DL
(0A)
minimum frequency
After the programmable time-out, DL drives
high if VFB has not reached the FB threshold.
DH On-time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
programmable time-out
Figure 6 — Ultrasonic Power-Save Operation
The equation for determining the R
PSV resistor value is
shown next. The desired minimum frequency is f
SWMIN.
SWMIN
PSV
f
pF
350
1
R
Power-Save Mode Operation
The device provides power-save operation at light loads
with no minimum operating frequency, selected by float-
ing the PSV pin (no connection). In this mode of opera-
tion, the zero cross comparator monitors inductor current
via the voltage across the low-side MOSFET during the
off-time. If the inductor current falls to zero for 8 consecu-
tive switching cycles, the controller enters power-save
operation. It will then turn off the low-side MOSFET on
each subsequent cycle, provided that the current falls to
zero. After the low-side MOSFET is off, both high-side and
low-sides MOSFETs remain off until V
FB drops to the 600mV
threshold. While the MOSFETs are off the load is supplied
by the output capacitor. If the inductor current does not
reach zero on any switching cycle, the controller immedi-
ately exits power-save and returns to forced continuous
mode. Figure 7 shows power-save operation at light
loads.
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 7 — Power-Save Operation
Smart Power-Save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT to slowly rise and
reach the over-voltage threshold, resulting in an over-
voltage shutdown. Smart power-save prevents this condi-
tion. When the FB voltage exceeds 10% above nominal
(exceeds 660mV), the device immediately disables power-
save and DL drives high to turn on the low-side MOSFET.
This draws current from V
OUT through the inductor and
causes V
OUT to fall. When VFB drops back to the 600mV trip
point, a normal T
ON switching cycle begins. This method
prevents over-voltage shutdown by cycling energy from
V
OUT back to VIN. It also minimizes operating power under
light load conditions by avoiding forced continuous mode
operation.
Figure 8 shows typical waveforms for the Smart Power-
save feature.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com